Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 24 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 24 Page - ams AG

Back Button AS3911 Datasheet HTML 20Page - ams AG AS3911 Datasheet HTML 21Page - ams AG AS3911 Datasheet HTML 22Page - ams AG AS3911 Datasheet HTML 23Page - ams AG AS3911 Datasheet HTML 24Page - ams AG AS3911 Datasheet HTML 25Page - ams AG AS3911 Datasheet HTML 26Page - ams AG AS3911 Datasheet HTML 27Page - ams AG AS3911 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 149 page
background image
AS3911 – 24
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
RSSI
The receiver also performs the RSSI (Received Signal Strength
Indicator) measurement of both channels. RSSI measurement
is started after rising edge of rx_on. It stays active while signal
rx_on is high; while rx_on is low it is frozen. It is a peak hold
system; the value can only increase from initial zero value. Every
time the AGC reduces the gain the RSSI measurement is reset
and starts from zero. Result of RSSI measurements is 4-bit value
which can be observed by reading the RSSI Display Register.
The LSB step is 2.8 dB, the maximum code is Dh (13d).
Since the RSSI measurement is of peak hold type the RSSI
measurement result does not follow any variations in the signal
strength (the highest value will be kept). In order to follow RSSI
variation it is possible to reset RSSI bits and restart the
measurement by sending direct command Clear RSSI.
Receiver in NFCIP-1 Active Communication Mode
There are several features built in receiver to enable reliable
reception of active NFCIP-1 communication. All these settings
are automatically preset by sending direct command Analog
Preset after the NFCIP-1 mode has been configured. In addition
to filtering options there are two NFC specific configuration bits
stored in the Receiver Configuration Register 3.
Bit lim enables clipping circuits which are positioned after first
and second gain stages. The intention of clipping circuits is to
limit the signal level for the following filtering stage (in case the
NFC peer is close the input signal level can be quite high).
Bit rg_nfc forces gain reduction of second and third filtering
stage to -6dB while keeping the digitizer comparator window
at maximum level.
Capacitive Sensor
The Capacitive Sensor block provides a possibility of low power
detection of tag presence.
The capacitive measurement system comprises two electrodes.
One is excitation electrode emitting electrical field of a fixed
frequency in range of few hundred kHz (CSO) and the second
one is the sensing electrode (CSI). The amount of charge gen-
erated in sensing electrode represents the capacitance be-
tween the two electrodes. Capacitive sensor electrodes are tol-
erant to parasitic capacitance to ground (up to 25 pF) and to
input leakage (up to 1 M
Ω).
Since the charge on the sensing electrode is generated with the
frequency of excitation electrode, synchronous rectifier is used
to detect it. This ensures good rejection of interference and
high tolerance to parasitic capacitances (to all nodes except the
excitation electrode).
Capacitive sensor system depicted on figure below uses a syn-
chronous rectifier to convert the AC charge generated by the
excitation signal on the sensing electrode. This yields a DC out-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com