Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 50 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 50 Page - ams AG

Back Button AS3911 Datasheet HTML 46Page - ams AG AS3911 Datasheet HTML 47Page - ams AG AS3911 Datasheet HTML 48Page - ams AG AS3911 Datasheet HTML 49Page - ams AG AS3911 Datasheet HTML 50Page - ams AG AS3911 Datasheet HTML 51Page - ams AG AS3911 Datasheet HTML 52Page - ams AG AS3911 Datasheet HTML 53Page - ams AG AS3911 Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 149 page
background image
AS3911 – 50
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
Note(s) and/or Footnote(s):
1. The ‘Operation Mode’ column in the above table defines which Operation Control Register bits have to be set in order to accept a
particular command.
2. Was AD Convert in the AS3910
3. Called Measure RF in the AS3910
4. Called Check Antenna Resonance in the AS3910
5. This command is not accepted in case the external definition of the regulated voltage is selected in the Regulator Voltage Control
Register (bit reg_s is set to high)
6. Accepted in all modes in case cs_mcal=0 (Capacitive Sensor Control Register), it is recommended to execute this command in
Power-down mode
7. Accepted in all modes, it is recommended to execute this command in Power-down mode.
8. Accepted only in the Initial NFC Target Mode
9. After termination of this command I_cat or I_cac IRQ is sent
10. Called Clear Squelch in the AS3910
Set Default
This direct command puts the AS3911 in the same state as
power-up initialization. All registers are initialized to the default
state. The only exception are IO Configuration Register 1, IO
Configuration Register 2 and Operation Control Register which
are not affected by Set Default command and are only set to
default state at power-up. Please note that results of different
calibration and adjust commands are also lost.
This direct command is accepted in all operating modes. In case
this command is sent while en (bit 7 of the Operation Control
Register) is not set FIFO and FIFO Status Registers are not
cleared.
Direct command chaining is not allowed since this command
clears all registers.
IRQ due to termination of direct command is not produced.
DE
Measure
Capacitance
Performs Capacitor Sensor
Measurement
No
Yes
(see note 7)
DF
Measure Power
Supply
No
Yes
en
E0
Start General
Purpose Timer
Yes
No
en
E1
Start Wake-up
Timer
Yes
No
all
except wu
E2
Start Mask-receive
Timer
Yes
No
(see note 8)
E3
Start No-response
Timer
Yes
No
en, rx_en
Other Fx
Reserved for test
Other codes
Not used
Command
Code
(hex)
Command
Comments
Command
Chaining
Interrupt
after
Termination
Operation
Mode (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com