Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8506 Datasheet(PDF) 73 Page - ams AG

Part # AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Datasheet(HTML) 73 Page - ams AG

Back Button AS8506 Datasheet HTML 69Page - ams AG AS8506 Datasheet HTML 70Page - ams AG AS8506 Datasheet HTML 71Page - ams AG AS8506 Datasheet HTML 72Page - ams AG AS8506 Datasheet HTML 73Page - ams AG AS8506 Datasheet HTML 74Page - ams AG AS8506 Datasheet HTML 75Page - ams AG AS8506 Datasheet HTML 76Page - ams AG AS8506 Datasheet HTML 77Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
ams Datasheet, Confidential:2013-Sep [1-00]
AS8506 – 73
Devic e I n te r f ac e
Figure 90:
Feature Selection Register 2
Note: Registers from address 0x2C to 0x2F are ‘Reserved’.
OTP Reflection Registers
Figure 91:
OTP Reflection Register 1
Figure 92:
OTP Reflection Register 2
Address
Register Name
Features and Bit Description
SPI4
SPI3
POR
Value
0x2B
feat_sel_reg_2
Feature selection register2.
R/W
-
0000_0010
POR_V5V
D1:D0
FD_OUT pad
configuration
10
→ Optocoupler
driver
11
→ Normal Pad
D7:D2
Reserved
Address
Register Name
Features and Bit Description
SPI4
SPI3
POR
Value
0x30
otp_refln_reg_1
D7:D0
OTP bits [0:7]
Chip ID [0:7]
RR
0000_0000
POR_V5V
Address
Register Name
Features and Bit Description
SPI4
SPI3
POR
Value
0x31
otp_refln_reg_2
D7:D0
OTP bits [8:15]
Chip ID [8:15]
RR
0000_0000
POR_V5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com