Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8506 Datasheet(PDF) 80 Page - ams AG

Part # AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Datasheet(HTML) 80 Page - ams AG

Back Button AS8506 Datasheet HTML 76Page - ams AG AS8506 Datasheet HTML 77Page - ams AG AS8506 Datasheet HTML 78Page - ams AG AS8506 Datasheet HTML 79Page - ams AG AS8506 Datasheet HTML 80Page - ams AG AS8506 Datasheet HTML 81Page - ams AG AS8506 Datasheet HTML 82Page - ams AG AS8506 Datasheet HTML 83Page - ams AG AS8506 Datasheet HTML 84Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 89 page
background image
AS8506 – 80
ams Datasheet, Confidential:2013-Sep [1-00]
A p pl i c at io n I n f o r m at i o n
Figure 103:
Application with Opto-Coupler Device Stackable to Higher Numbers
Caution:: In the application it’s recommended to connect the AS8506 devices stacked first and connect the
battery stack from bottom to top in sequence to avoid any possible damage of the system. While removing the
battery pack its strictly recommended to remove the battery pack from the top. Removing the battery pack
from bottom will damage the system.
AS8506
100KHz
Optocoupler
VCC
Vo
Vb
RL
Stack n
Cellx of
stackn
AS8506
Stack1
Cellx of
stack1
AS8506
Stack2
FDRIVE_OUT
AS8506
Stack n+1
Stack
Ground
Vcc
Optocoupler
VCC
Vo
Vb
RL
Cellx of
stack2
Stack
Ground
Stack
Ground
FDRIVE_OUT(100KHz
Vcc / V Auxiliary
12V / 5V
Vcc / V Auxiliary
12V / 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com