Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8506 Datasheet(PDF) 47 Page - ams AG

Part # AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Datasheet(HTML) 47 Page - ams AG

Back Button AS8506 Datasheet HTML 43Page - ams AG AS8506 Datasheet HTML 44Page - ams AG AS8506 Datasheet HTML 45Page - ams AG AS8506 Datasheet HTML 46Page - ams AG AS8506 Datasheet HTML 47Page - ams AG AS8506 Datasheet HTML 48Page - ams AG AS8506 Datasheet HTML 49Page - ams AG AS8506 Datasheet HTML 50Page - ams AG AS8506 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 89 page
background image
ams Datasheet, Confidential:2013-Sep [1-00]
AS8506 – 47
Devic e I n te r f ac e
Example:
To set the external temperature thresholds to 4.15V, initiate a
broadcast command as given in the below sequence.
Figure 40:
External Temperature Threshold Setting through Broadcast Command to Slaves
Communication with Individual Slave
Communication with an individual slave is done as SPI write or
read.
Write operation.
To perform the write operation to one of the slave device,
corresponding data should be written in these registers
spop_dadd_bcmd_reg, spop_reg_add_reg, wrop_data_reg
and spi3_cmd_reg.
Example:
To set the external temperature threshold of the slave device
address 0x06 to 4.15V, initiate a broadcast command as given
in the below sequence.
Figure 41:
Write Operation to the Individual Slave
Command
Register Name
Address
Data
To set the external temperature threshold
tflg_tshld_setg_reg
0x1D
0xFF
Address of the register to broadcast
spop_reg_add_reg
0x26
0x1D
Broadcast communication command
spi3_cmd_reg
0x28
0x0B
Command
Register Name
Address
Data
Slave device address
spop_dadd_bcmd_reg
0x25
0x06
Address of the slave register
spop_reg_add_reg
0x26
0x1D
To set the external temperature threshold
wrop_data_reg
0x27
0xFF
Slave write command
spi3_cmd_reg
0x28
0x05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com