Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8506 Datasheet(PDF) 76 Page - ams AG

Part # AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Datasheet(HTML) 76 Page - ams AG

Back Button AS8506 Datasheet HTML 72Page - ams AG AS8506 Datasheet HTML 73Page - ams AG AS8506 Datasheet HTML 74Page - ams AG AS8506 Datasheet HTML 75Page - ams AG AS8506 Datasheet HTML 76Page - ams AG AS8506 Datasheet HTML 77Page - ams AG AS8506 Datasheet HTML 78Page - ams AG AS8506 Datasheet HTML 79Page - ams AG AS8506 Datasheet HTML 80Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 89 page
background image
AS8506 – 76
ams Datasheet, Confidential:2013-Sep [1-00]
A p pl i c at io n I n f o r m at i o n
Figure 99:
Application Schematic with Single Device
Application Information
TL1
TL2
THL
TH
U
NTC
R
1
R
1
R2
R3
100nF
2-5uF
Note: Max current on REF_T is 900uA
including the Temperature sensors
TSECH
TSECL
CS
SCLK
SDI
SDO
VSUP
Microcontroller
CS
SCLK
SDI
SDO
TRIG
CLK
CVT_NOK
BD
WAKE
Note: Open drain on
WAKE_IN pin in the µC
or Transistor as shown
above.
RF
1
VREF_IN
Optional factory setting for
Active balancing
Passive balancing
TSECL
TSECH
RLoad
VREF_T
VREF_T
Optional fixed
reference
RF
2
TSECH
TSECL
100 mA load
Supply from Stack
VCELL3
VCELL2
SDO
CS
SCLK
SDI
34
33
32
40
39
38
37
36
35
17
18
19
11
12
13
14
15
16
V5V
VCELL7
VCELL6
VCELL5
VCELL1
C-GND
TSECH
TSECL
VREF_H
TEMP_IN1
CELL_THL
CELL_THU
TEMP_IN2
31
20
REF_T
VCELL4
AS8506
30
29
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com