Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8506 Datasheet(PDF) 77 Page - ams AG

Part # AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Datasheet(HTML) 77 Page - ams AG

Back Button AS8506 Datasheet HTML 73Page - ams AG AS8506 Datasheet HTML 74Page - ams AG AS8506 Datasheet HTML 75Page - ams AG AS8506 Datasheet HTML 76Page - ams AG AS8506 Datasheet HTML 77Page - ams AG AS8506 Datasheet HTML 78Page - ams AG AS8506 Datasheet HTML 79Page - ams AG AS8506 Datasheet HTML 80Page - ams AG AS8506 Datasheet HTML 81Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 89 page
background image
ams Datasheet, Confidential:2013-Sep [1-00]
AS8506 – 77
Appl icatio n I n f o rm a t i o n
Passive balance
Passive balance is to dissipate the energy from the cell with the
higher cell voltage to the reference value (average of the stack
e.g. max cell voltage in constant voltage charge phase or mean
cell voltage as genertaed by resitor divider).
Resistor value should be selected based on the cell chemistry
and voltage limits. Maximum current capability of internal
shuttle switch is 100mA. Internal resistance of the shuttle
switch typically is 5
Ω..
Active balance
In the active balance device charge the cells which are lower
than the reference voltage. This is a method of charge transfer
from the stack to the cell.
Flyback converter is used for this charge transfer. Active
balancing mode need to be enabled by factory setting. It is not
available for the default ASSP.
Flyback Converter (with external Transformer)
The high-efficiency, high-voltage, DC-DC Flyback converter
delivers current of 100mA to the lithium ion cell when the
secondary side of the Flyback transformer is connected to the
cell terminals. This also gives the isolation between the primary
supply and the load cell. The Flyback converter is designed to
charge the lithium-ion battery cells during the balancing mode
of the IC. It consists of a PWM waveform generator with variable
duty cycle and a driver. This driver can drive an external
MOSFET, (or) the optocoupler, (or) an isolation device based on
the requirement. During the ON-state of the PWM waveform,
the primary side of the Flyback transformer conducts and stores
the energy. In the other phase the stored energy in the
secondary is transferred to the cell which will be connected to
the secondary side of the transformer. The converter always
works in discontinuous current mode (DCM).
The advantages of this type of control system can be
summarized as following:
• High-efficiency even at light load
• Intrinsically stable
• Simplicity
Figure 100:
External Components
Component
Manufacturer Part Number
Manufacturer
Transformer
WE-FLEX 749196111
WURTH ELECTRONICS
Optocoupler
ACPL-M72T-000E
AVAGO TECHNOLOGIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com