Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8506 Datasheet(PDF) 83 Page - ams AG

Part # AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Datasheet(HTML) 83 Page - ams AG

Back Button AS8506 Datasheet HTML 79Page - ams AG AS8506 Datasheet HTML 80Page - ams AG AS8506 Datasheet HTML 81Page - ams AG AS8506 Datasheet HTML 82Page - ams AG AS8506 Datasheet HTML 83Page - ams AG AS8506 Datasheet HTML 84Page - ams AG AS8506 Datasheet HTML 85Page - ams AG AS8506 Datasheet HTML 86Page - ams AG AS8506 Datasheet HTML 87Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 89 page
background image
ams Datasheet, Confidential:2013-Sep [1-00]
AS8506 – 83
Pa c k a g e D r a w i n g s & M a r k i n g s
The AS8506C device is available in a 40-pin MLF (6x6) package.
Figure 106:
AS8506C Package Drawings and Dimensions
Symbol
Min
Nom
Max
e0.50 BSC
D1
5.75 BSC
E1
5.75 BSC
D2
4.40
4.50
4.60
E2
4.40
4.50
4.60
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N40
Note: ‘A’ is for active balancing and default is Passive Balancing.
Symbol
Min
Nom
Max
A
0.80
0.90
1.00
A1
0
0.02
0.05
A2
-
0.65
1.00
A3
0.20 REF
L
0.30
0.40
0.50
L1
0.05
0.15
0.25
L2
0.05
0.10
0.15
Θ
0º
-
14º
b
0.20
0.25
0.30
b1
0.10
0.15
0.20
D6.00 BSC
E6.00 BSC
AS8506C
YYWWIZZ
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com