Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3413CS Datasheet(PDF) 16 Page - ams AG

Part # TCS3413CS
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3413CS Datasheet(HTML) 16 Page - ams AG

Back Button TCS3413CS Datasheet HTML 12Page - ams AG TCS3413CS Datasheet HTML 13Page - ams AG TCS3413CS Datasheet HTML 14Page - ams AG TCS3413CS Datasheet HTML 15Page - ams AG TCS3413CS Datasheet HTML 16Page - ams AG TCS3413CS Datasheet HTML 17Page - ams AG TCS3413CS Datasheet HTML 18Page - ams AG TCS3413CS Datasheet HTML 19Page - ams AG TCS3413CS Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
15
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Control Register (00h)
The CONTROL register contains two bits and is primarily used to power the TCS3404/14 device up and down
as shown in Table 4.
Table 4. Control Register
6
75
4
POWER
2
31
0
0
00
0
0
00
0
Reset Value:
CONTROL
Resv
Resv
Resv
ADC_VALID
Resv
00h
Resv
ADC_EN
FIELD
BIT
DESCRIPTION
Resv
7:6
Reserved. Write as 0.
Resv
5
Reserved. Write as 0.
ADC_VALID
4
ADC valid. This read-only field indicates that the ADC channel has completed an integration cycle.
Resv
3:2
Reserved. Write as 0.
ADC_EN
1
ADC enable. This field enables the four ADC channels to begin integration. Writing a 1 activates the ADC
channels, and writing a 0 disables the ADCs.
POWER
0
Power on. Writing a 1 powers on the device, and writing a 0 turns it off.
NOTES: 1. Both ADC_EN and POWER must be asserted before the ADC channels will operate correctly.
2. INTEG_MODE and TIME/COUNTER fields in the Timing Register (01h) should be written before ADC_EN is asserted.
3. If a value of 03h is written, the value returned during a read cycle will be 03h. This feature can be used to verify that the device is
communicating properly.
4. During writes and reads, the POWER bit is overridden and the oscillator is enabled, independent of the state of POWER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com