Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3413CS Datasheet(PDF) 30 Page - ams AG

Part # TCS3413CS
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3413CS Datasheet(HTML) 30 Page - ams AG

Back Button TCS3413CS Datasheet HTML 26Page - ams AG TCS3413CS Datasheet HTML 27Page - ams AG TCS3413CS Datasheet HTML 28Page - ams AG TCS3413CS Datasheet HTML 29Page - ams AG TCS3413CS Datasheet HTML 30Page - ams AG TCS3413CS Datasheet HTML 31Page - ams AG TCS3413CS Datasheet HTML 32Page - ams AG TCS3413CS Datasheet HTML 33Page - ams AG TCS3413CS Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
29
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
APPLICATION INFORMATION: SOFTWARE
A synchronization input (SYNC IN) is supported to precisely start/stop sensor integration and synchronize with
the light source. The TIMING Register (01h) provides two synchronization modes of operation. The first mode
of operation synchronizes the SYNC IN pin for one integration cycle as specified in the Timing Register (01h).
When the rising edge of the signal is detected, the TCS3404/14 begins integration. The second mode
accumulates a specified number of SYNC IN pulses (see Timing Register) in which the minimum pulse width
is 50
μs. A pulse counter is used to count the rising and falling edges of the pulse(s) and precisely integrate the
light level when the SYNC IN pulse is high.
The following pseudo code illustrates a procedure for reading the TCS3404/14 device using the synchronization
feature:
// Synchronize one integration cycle
// See ”Basic Operation” to power−on and start device
// See ”Configuring the Timing Register” to setup environment
Address = 0x39
//Slave addr − also 0x29 or 0x49
Command = 0x81
//Set Command bit and address Timing Register
Data = 0x21
//Sync one 100ms integration period
//External SYNC IN pulse initiates 100ms integration
Sleep (100)
// See ”Basic Operation” to read Data Registers using Byte or Word Protocol
// Synchronize N number of SYNC IN pulses
// See ”Basic Operation” to power−on and start device
// See ”Configuring the Timing Register” to setup environment
Address = 0x39
//Slave addr − also 0x29 or 0x49
Command = 0x81
//Set Command bit and address Timing Register
Data = 0x30
//Integrate one SYNC IN pulse
//External SYNC IN pulse synchronizes integration
// See ”Basic Operation” to read Data Registers using Byte or Word Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com