Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3413CS Datasheet(PDF) 4 Page - ams AG

Part # TCS3413CS
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3413CS Datasheet(HTML) 4 Page - ams AG

  TCS3413CS Datasheet HTML 1Page - ams AG TCS3413CS Datasheet HTML 2Page - ams AG TCS3413CS Datasheet HTML 3Page - ams AG TCS3413CS Datasheet HTML 4Page - ams AG TCS3413CS Datasheet HTML 5Page - ams AG TCS3413CS Datasheet HTML 6Page - ams AG TCS3413CS Datasheet HTML 7Page - ams AG TCS3413CS Datasheet HTML 8Page - ams AG TCS3413CS Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
3
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Terminal Functions
TERMINAL
NAME
CS PKG
NO.
FN PKG
NO.
TYPE
DESCRIPTION
GND
A3
6
Power supply ground. All voltages are referenced to GND.
INT
B3
4
O
Level interrupt — open drain.
SCL
A1
1
I
Serial clock input terminal — clock signal for I2C serial data.
SDA
B1
3
I/O
Serial data I/O terminal — serial data I/O for I2C.
SYNC
A2
2
I
Synchronous input.
VDD
B2
5
Supply voltage.
Available Options
DEVICE
INTERFACE
I2C ADDRESS
PACKAGE − LEADS
PACKAGE DESIGNATOR
ORDERING NUMBER
TCS3404
SMBus
−
Chipscale−6
CS
TCS3404CS
TCS3404
SMBus
−
Dual Flat No-Lead−6
FN
TCS3404FN
TCS3413
I2C
0x29
Chipscale−6
CS
TCS3413CS
TCS3413
I2C
0x29
Dual Flat No-Lead−6
FN
TCS3413FN
TCS3414†
I2C
0x39
Chipscale−6
CS
TCS3414CS
TCS3414†
I2C
0x39
Dual Flat No-Lead−6
FN
TCS3414FN
TCS3415
I2C
0x49
Chipscale−6
CS
TCS3415CS
TCS3415
I2C
0x49
Dual Flat No-Lead−6
FN
TCS3415FN
TCS3416
I2C
0x59
Chipscale−6
CS
TCS3416CS
TCS3416
I2C
0x59
Dual Flat No-Lead−6
FN
TCS3416FN
† Recommended device for single-device systems..
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output voltage range, VO
−0.5 V to 3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output current, IO
−1 mA to 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD tolerance, human body model
2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to GND.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.7
3
3.6
V
Operating free-air temperature, TA (CS PAckage)
−40
85
°C
Operating free-air temperature, TA (FN PAckage)
−30
70
°C
SCL, SDA input low voltage, VIL
−0.5
0.8
V
SCL, SDA input high voltage, VIH
2.1
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com