Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3413CS Datasheet(PDF) 20 Page - ams AG

Part # TCS3413CS
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3413CS Datasheet(HTML) 20 Page - ams AG

Back Button TCS3413CS Datasheet HTML 16Page - ams AG TCS3413CS Datasheet HTML 17Page - ams AG TCS3413CS Datasheet HTML 18Page - ams AG TCS3413CS Datasheet HTML 19Page - ams AG TCS3413CS Datasheet HTML 20Page - ams AG TCS3413CS Datasheet HTML 21Page - ams AG TCS3413CS Datasheet HTML 22Page - ams AG TCS3413CS Datasheet HTML 23Page - ams AG TCS3413CS Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
19
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Gain Register (07h)
The Gain register provides a common gain control adjustment for all four parallel ADC output channels. Two
gain bits [5:4] in the Gain Register allow the relative gain to be adjusted from 1
× to 64× in 4× increments. The
advantage of the gain adjust is to extend the dynamic range of the light input up to a factor of 64
× before analog
or digital saturation occurs. If analog saturation has occurred, lowering the gain sensitivity will likely prevent
analog saturation especially when the integration time is relatively short. For longer integration times, the 16-bit
output could be in digital saturation (64K). If lowering the gain to 1
× does not prevent digital saturation from
occurring, the use of PRESCALER can be useful.
The PRESCALER is 3 bits [2:0] in the gain register that divides down the output count (i.e. shifts the LSB of the
count value to the right). The PRESCALER adjustment range is divide by 1 to 64 in multiples of 2.
The most sensitive gain setting of the device would be when GAIN is set to 11b (64
×), and PRESCALER is set
to 000b (divide by 1). The least sensitive part setting would be GAIN 00 (1
×) and PRESCALER 110 (divide by
64). If the part continues to be in digital saturation at the least sensitive setting, the integration time can be
lowered (see Timing Register section).
Table 9. Gain Register
6
75
4
2
31
0
0
00
0
0
00
0
Reset Value:
GAIN
Resv
GAIN
Resv
07h
PRESCALER
Resv
FIELD
BITS
DESCRIPTION
Resv
7:6
Reserved. Write as 0.
Analog Gain Control. This field switches the common analog gain of the four ADC channels. Four gain
modes are provided:
FIELD VALUE
GAIN
GAIN
5:4
00
1
×
GAIN
5:4
01
4
×
10
16
×
11
64
×
Resv
3
Reserved. Write as 0.
Prescaler. This field controls a 6-bit digital prescaler and divider. The prescaler reduces the sensitivity
of each ADC integrator as shown in the table below:
FIELD VALUE
PRESCALER MODE
000
Divide by 1.
001
Divide by 2.
PRESCALER
2:0
010
Divide by 4.
PRESCALER
2:0
011
Divide by 8.
100
Divide by 16.
101
Divide by 32.
110
Divide by 64.
111
Not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com