Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3413CS Datasheet(PDF) 18 Page - ams AG

Part # TCS3413CS
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3413CS Datasheet(HTML) 18 Page - ams AG

Back Button TCS3413CS Datasheet HTML 14Page - ams AG TCS3413CS Datasheet HTML 15Page - ams AG TCS3413CS Datasheet HTML 16Page - ams AG TCS3413CS Datasheet HTML 17Page - ams AG TCS3413CS Datasheet HTML 18Page - ams AG TCS3413CS Datasheet HTML 19Page - ams AG TCS3413CS Datasheet HTML 20Page - ams AG TCS3413CS Datasheet HTML 21Page - ams AG TCS3413CS Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
17
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Interrupt Control Register (02h)
The INTERRUPT register controls the extensive interrupt capabilities of the device. The open-drain interrupt
pin is active low and requires a pullup resistor to VDD in order to pull high in the inactive state. Using the Interrupt
Source Register (03h), the interrupt can be configured to trigger on any one of the four ADC channels. The
TCS3404/14 permits both SMB-Alert style interrupts as well as traditional level style interrupts. The Interrupt
Register provides control over when a meaningful interrupt will occur. The concept of a meaningful change can
be defined by the user both in terms of light intensity and time, or persistence of that change in intensity. The
value must cross the threshold (as configured in the Threshold Registers 08h through 0Bh) and persist for some
period of time as outlined in the table below.
When a level Interrupt is selected, an interrupt is generated whenever the last conversion results in a value
outside of the programmed threshold window. The interrupt is active-low and remains asserted until cleared by
writing an 11 in the TRANSACTION field in the COMMAND register.
In SMB-Alert mode, the interrupt is similar to the traditional level style and the interrupt line is asserted low. To
clear the interrupt, the host responds to the SMB-Alert by performing a modified Receive Byte operation, in
which the Alert Response Address (ARA) is placed in the slave address field, and the TCS3404/14 that
generated the interrupt responds by returning its own address in the seven most significant bits of the receive
data byte. If more than one device connected on the bus has pulled the SMBAlert line low, the highest priority
(lowest address) device will win control of the bus during the slave address transfer. If the device loses this
arbitration, the interrupt will not be cleared. The Alert Response Address is 0Ch.
When INTR = 11, the interrupt is generated immediately following the SMBus write operation. Operation then
behaves in an SMB-Alert mode, and the software set interrupt may be cleared by an SMB-Alert cycle.
Table 6. Interrupt Control Register
6
75
4
2
31
0
0
00
0
0
00
0
Reset Value:
INTERRUPT
INTR_STOP
Resv
INTR
Resv
02h
PERSIST
FIELD
BITS
DESCRIPTION
Resv
7
Reserved. Write as 0.
INTR_STOP
6
Stop ADC integration on interrupt. When high, ADC integration will stop once an interrupt is asserted.
To resume operation (1) de-assert ADC_EN using CONTROL register, (2) clear interrupt using
COMMAND register, and (3) re-assert ADC_EN using CONTROL register. Note: Use this bit to isolate
a particular condition when the sensor is continuously integrating.
INTR Control Select. This field determines mode of interrupt logic according to the table below:
FIELD VALUE
INTERRUPT CONTROL
00
Interrupt output disabled.
INTR
5:4
01
Level Interrupt.
INTR
5:4
10
SMB-Alert compliant.
11
Sets an interrupt and functions as mode 10.
NOTE: Value 11 may be used to test interrupt connectivity in a system or to assist in debugging interrupt
service routine software. See Application Software section for further information.
Resv
3
Reserved. Write as 0.
Interrupt persistence. Controls rate of interrupts to the host processor:
FIELD VALUE
TIMER
DESCRIPTION
PERSIST
2:0
000
Every
Every ADC cycle generates interrupt
PERSIST
2:0
001
Single
Any value outside of threshold range.
010
0.1 sec
Consecutively out of range for 0.1 second
011
1 sec
Consecutively out of range for 1 second



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com