Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3413CS Datasheet(PDF) 2 Page - ams AG

Part # TCS3413CS
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3413CS Datasheet(HTML) 2 Page - ams AG

  TCS3413CS Datasheet HTML 1Page - ams AG TCS3413CS Datasheet HTML 2Page - ams AG TCS3413CS Datasheet HTML 3Page - ams AG TCS3413CS Datasheet HTML 4Page - ams AG TCS3413CS Datasheet HTML 5Page - ams AG TCS3413CS Datasheet HTML 6Page - ams AG TCS3413CS Datasheet HTML 7Page - ams AG TCS3413CS Datasheet HTML 8Page - ams AG TCS3413CS Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Features
D Programmable Interrupt Function with
User-Defined Upper and Lower Threshold
Settings
D Internal Filter Eliminates Signal Fluctuation
Due to AC Lighting Flicker — No External
Capacitor Required
D In-Package Trim Provides an Easy and
Accurate Means to Achieve
System-to-System Repeatability
D 16-Bit Digital Output with I2C at 400 kHz
D Programmable Analog Gain and Integration
Time Supporting 1,000,000-to-1 Dynamic
Range
D SYNC Input Synchronizes Integration Cycle
to Modulated Light Sources (e.g. PWM)
D Operating Temperature Range
−40
5C to 855C (CS Package)
−30
5C to 705C (FN Package)
D Operating voltage of 2.7 V to 3.6 V
D Available in Both an FN and a CS Package.
The CS Package is the Industry’s Smallest
Digital RGB Color Sensor
Applications
D Provides Method to Derive Chromaticity
Coordinates to Manage Display
Backlighting (i.e. RGB LED, CCFL, etc.)
D Provides Means to Derive Color
Temperature to White-Color Balance
Displays Under Various Lighting
Conditions
End Products and Market Segments
D HDTVs
D Tablets, Laptops, Monitors
D Medical Instrumentation
D Consumer Toys
D Industrial/Commercial Lighting
D Industrial Process Control
Description
The TCS3404 and TCS3414 digital color light sensors are designed to accurately derive the color chromaticity
and illuminance (intensity) of ambient light and provide a digital output with 16-bits of resolution. The devices
include an 8
× 2 array of filtered photodiodes, analog-to-digital converters, and control functions on a single
monolithic CMOS integrated circuit. Of the 16 photodiodes, 4 have red filters, 4 have green filters, 4 have blue
filters, and 4 have no filter (clear). With the advanced patent pending in-package trim capability,
device-to-device and system-to-system tolerance can be minimized allowing very precise repeatability to be
attained.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE CS
6-LEAD CHIPSCALE
(TOP VIEW)
SCL
A1
SYNC
A2
GND
A3
B1
SDA
B2
VDD
B3
INT
PACKAGE FN
DUAL FLAT NO-LEAD
(TOP VIEW)
6 GND
5 VDD
4 INT
SCL 1
SYNC 2
SDA 3
Package Drawings are Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com