Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6212615-01XE-R Datasheet(PDF) 35 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 35 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 31Page - Texas Instruments V6212615-01XE-R Datasheet HTML 32Page - Texas Instruments V6212615-01XE-R Datasheet HTML 33Page - Texas Instruments V6212615-01XE-R Datasheet HTML 34Page - Texas Instruments V6212615-01XE-R Datasheet HTML 35Page - Texas Instruments V6212615-01XE-R Datasheet HTML 36Page - Texas Instruments V6212615-01XE-R Datasheet HTML 37Page - Texas Instruments V6212615-01XE-R Datasheet HTML 38Page - Texas Instruments V6212615-01XE-R Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
CRS_DV
X1
RXD[1:0]
RX_ER
T2.27.2
T2.27.1
T2.27.2
PMD Input Pair
T2.27.3
T2.27.5
RX_DV
T2.27.2
T2.27.2
IDLE
(J/K)
Data
(TR)
Data
T2.27.4
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
3.5.27 RMII Receive Timing
Figure 3-28. RMII Receive Timing
xxx
PARAMETER
DESCRIPTION
NOTES(1) (2) (3)
MIN
TYP
MAX
UNIT
T2.27.1
X1 Clock Period
50 MHz Reference Clock
20
ns
T2.27.2
RXD[1:0], CRS_DV, RX_DV and
2
14
ns
RX_ER output delay from X1 rising
T2.27.3
CRS ON delay
From JK symbol on PMD
18.5
bits
Receive Pair to initial assertion
of CRS_DV
T2.27.4
CRS OFF delay
From TR symbol on PMD
27
bits
Receive Pair to initial
deassertion of CRS_DV
T2.27.5
RXD[1:0] and RX_ER latency
From symbol on Receive Pair.
38
bits
Elasticity buffer set to default
value (01).
(1)
Per the RMII Specification, output delays assume a 25pF load.
(2)
CRS_DV is asserted asynchronously in order to minimize latency of control signals through the why. CRS_DV may toggle
synchronously at the end of the packet to indicate CRS deassertion.
(3)
RX_DV is synchronous to X1. While not part of the RMII specification, this signal is provided to simplify recovery of receive data.
Copyright © 2012–2013, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
35
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com