Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6212615-01XE-R Datasheet(PDF) 48 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 48 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 44Page - Texas Instruments V6212615-01XE-R Datasheet HTML 45Page - Texas Instruments V6212615-01XE-R Datasheet HTML 46Page - Texas Instruments V6212615-01XE-R Datasheet HTML 47Page - Texas Instruments V6212615-01XE-R Datasheet HTML 48Page - Texas Instruments V6212615-01XE-R Datasheet HTML 49Page - Texas Instruments V6212615-01XE-R Datasheet HTML 50Page - Texas Instruments V6212615-01XE-R Datasheet HTML 51Page - Texas Instruments V6212615-01XE-R Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
Scrambler
PMD OUTPUT PAIR
TX_CLK
125-MHZ Clock
BP_SCR
MUX
MLT[1:0]
Divide by 5
4B5B Code
Croup Encoder
5B Parallel
to Serial
NRZ to NRZI
Encoder
Binary to MLT-3 /
Common Driver
100Base-TX
Loopback
TXD[3:0] /
TX_EN
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
6
ARCHITECTURE
6.1
100BASE-TX Transmitter
The 100BASE-TX transmitter consists of several functional blocks which convert synchronous 4-bit nibble
data, as provided by the MII, to a scrambled MLT-3 125 Mb/s serial data stream. Because the 100BASE-
TX TP-PMD is integrated, the differential output pins, PMD output pair, can be directly routed to the
magnetics.
The block diagram in Figure 6-1 provides an overview of each functional block within the 100BASE-TX
transmit section.
The transmitter section consists of the following functional blocks:
•
Code-group encoder and injection block
•
Scrambler block (bypass option)
•
NRZ to NRZI encoder block
•
Binary to MLT-3 converter or common driver
The bypass option for the functional blocks within the 100BASE-TX transmitter provides flexibility for
applications where data conversion is not always required. The DP83848 implements the 100BASE-TX
transmit state machine diagram as specified in the IEEE 802.3u Standard, Clause 24.
Figure 6-1. 100BASE-TX Transmit Block Diagram
48
ARCHITECTURE
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com