Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6212615-01XE-R Datasheet(PDF) 47 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 47 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 43Page - Texas Instruments V6212615-01XE-R Datasheet HTML 44Page - Texas Instruments V6212615-01XE-R Datasheet HTML 45Page - Texas Instruments V6212615-01XE-R Datasheet HTML 46Page - Texas Instruments V6212615-01XE-R Datasheet HTML 47Page - Texas Instruments V6212615-01XE-R Datasheet HTML 48Page - Texas Instruments V6212615-01XE-R Datasheet HTML 49Page - Texas Instruments V6212615-01XE-R Datasheet HTML 50Page - Texas Instruments V6212615-01XE-R Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
MDC
MDIO
(STA)
Idle
Start
Opcode
(Write)
PHY Address
(PHYAD = 0Ch)
Register Address
(00h = BMCR)
TA
Register Data
Idle
z
z
0
1
0
1
0
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
z
z
MDC
MDIO
(STA)
Idle
Start
Opcode
(Read)
PHY Address
(PHYAD = 0Ch)
Register Address
(00h = BMCR)
TA
Register Data
z
MDIO
(PHY)
z
z
Idle
z
z
z
z
0
1
0
1
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
0
0
0
0
0
0
0
0
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
Table 5-2. Typical MDIO Frame Format
MII MANAGEMENT SERIAL
<idle><start><op code><device addr><reg addr><turnaround><data><idle>
PROTOCOL
Read Operation
<idle><01><10><AAAAA><RRRRR><Z0><xxxx xxxx xxxx xxxx><idle>
Write Operation
<idle><01><01><AAAAA><RRRRR><10><xxxx xxxx xxxx xxxx><idle>
Figure 5-1. Typical MDC/MDIO Read Operation
Figure 5-2. Typical MDC/MDIO Write Operation
5.4.3
Serial Management Preamble Suppression
The DP83848 supports a preamble suppression mode as indicated by a one in bit 6 of the basic mode
status register (BMSR, address 01h.) If the station management entity (i.e. MAC or other management
controller) determines that all PHYs in the system support preamble suppression by returning a one in this
bit, then the station management entity need not generate preamble for each management transaction.
The DP83848 requires a single initialization sequence of 32 bits of preamble following hardware/software
reset.
This requirement is generally met by the mandatory pull-up resistor on MDIO in conjunction with a
continuous MDC, or the management access made to determine whether preamble suppression is
supported.
While the DP83848 requires an initial preamble sequence of 32 bits for management initialization, it does
not require a full 32-bit sequence between each subsequent transaction. A minimum of one idle bit
between management transactions is required as specified in the IEEE 802.3u specification.
Copyright © 2012–2013, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
47
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com