Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6212615-01XE-R Datasheet(PDF) 18 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 18 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 14Page - Texas Instruments V6212615-01XE-R Datasheet HTML 15Page - Texas Instruments V6212615-01XE-R Datasheet HTML 16Page - Texas Instruments V6212615-01XE-R Datasheet HTML 17Page - Texas Instruments V6212615-01XE-R Datasheet HTML 18Page - Texas Instruments V6212615-01XE-R Datasheet HTML 19Page - Texas Instruments V6212615-01XE-R Datasheet HTML 20Page - Texas Instruments V6212615-01XE-R Datasheet HTML 21Page - Texas Instruments V6212615-01XE-R Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
1000.00
10000.00
100000.00
1000000.00
80
90
100
110
120
130
140
150
160
Continuous TJ (°C)
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
3.4
DC Specifications
3.4.1
Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input High Voltage
Nominal VCC
2
V
VIL
Input Low Voltage
0.8
V
IIH
Input High Current
VIN = VCC
10
µA
IIL
Input Low Current
VIN = GND
10
µA
VOL
Output Low Voltage
IOL = 4 mA
0.4
V
VOH
Output High Voltage
IOH = -4 mA
VCC - 0.5
V
VOUT = VCC
IOZ
TRI-STATE Leakage
±10
µA
VOUT = GND
VTPTD_100
100M Transmit Voltage
0.89
1
1.15
V
VTPTDsym
100M Transmit Voltage Symmetry
±2
%
VTPTD_10
10M Transmit Voltage
2.17
2.5
2.8
V
CIN1
CMOS Input Capacitance
5
pF
COUT1
CMOS Output Capacitance
5
pF
100BASE-TX Signal detect turnon
SDTHon
1000
mV diff pk-pk
threshold
100BASE-TX Signal detect turnoff
SDTHoff
200
mV diff pk-pk
threshold
VTH1
10BASE-T Receive Threshold
585
mV
Idd100
100BASE-TX (Full Duplex)
81
mA
Idd10
10BASE-T (Full Duplex)
92
mA
Idd
Power Down Mode
14
mA
(1)
See datasheet for absolute maximum and minimum recommended operating conditions.
(2)
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect life).
(3)
Enhanced plastic product disclaimer applies.
Figure 3-1. DP83848-EP Operating Life Derating Chart
18
ELECTRICAL SPECIFICATIONS
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com