Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6212615-01XE-R Datasheet(PDF) 82 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 82 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 78Page - Texas Instruments V6212615-01XE-R Datasheet HTML 79Page - Texas Instruments V6212615-01XE-R Datasheet HTML 80Page - Texas Instruments V6212615-01XE-R Datasheet HTML 81Page - Texas Instruments V6212615-01XE-R Datasheet HTML 82Page - Texas Instruments V6212615-01XE-R Datasheet HTML 83Page - Texas Instruments V6212615-01XE-R Datasheet HTML 84Page - Texas Instruments V6212615-01XE-R Datasheet HTML 85Page - Texas Instruments V6212615-01XE-R Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
9.3.10 10Base-T Status/Control Register (10BTSCR)
Table 9-21. 10Base-T Status/Control Register (10BTSCR), Address 0x1A
BIT
BIT NAME
DEFAULT
DESCRIPTION
10Base-T Serial Mode (SNI):
1 = Enables 10Base-T Serial Mode
0 = Normal Operation
15
10BT_SERIAL
Strap, RW
Places 10 Mb/s transmit and receive functions in Serial Network
Interface (SNI) Mode of operation. Has no effect on 100 Mb/s
operation.
14:12
RESERVED
0, RW
RESERVED: Must be zero
Squelch Configuration:
11:9
SQUELCH
100, RW
Used to set the Squelch ‘ON’ threshold for the receiver
Default Squelch ON is 330mV peak
In half-duplex mode, default 10BASE-T operation loops Transmit data
to the Receive data in addition to transmitting the data on the physical
medium. This is for consistency with earlier 10BASE2 and 10BASE5
8
LOOPBACK_10_D IS
0, RW
implementations which used a shared medium. Setting this bit
disables the loopback function.
This bit does not affect loopback due to setting BMCR[14].
Normal Link Pulse Disable:
7
LP_DIS
0, RW
1 = Transmission of NLPs is disabled
0 = Transmission of NLPs is enabled
Force 10Mb Good Link:
6
FORCE_LINK_10
0, RW
1 = Forced Good 10Mb Link
0 = Normal Link Status
5
RESERVED
0, RW
RESERVED: Must be zero
10Mb Polarity Status:
This bit is a duplication of bit 12 in the PHYSTS register. Both bits will
be cleared upon a read of 10BTSCR register, but not upon a read of
4
POLARITY
RO/LH
the PHYSTS register.
1 = Inverted Polarity detected
0 = Correct Polarity detected
3
RESERVED
0, RW
RESERVED: Must be zero
2
RESERVED
1, RW
RESERVED: Must be zero
Heartbeat Disable: This bit only has influence in half-duplex 10Mb
mode.
1 = Heartbeat function disabled
1
HEARTBEAT_DIS
0, RW
0 = Heartbeat function enabled
When the device is operating at 100Mb or configured for full duplex
operation, this bit will be ignored - the heartbeat function is disabled.
Jabber Disable:
Applicable only in 10BASE-T.
0
JABBER_DIS
0, RW
1 = Jabber function disabled
0 = Jabber function enabled
82
REGISTER BLOCK
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com