Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6212615-01XE-R Datasheet(PDF) 64 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 64 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 60Page - Texas Instruments V6212615-01XE-R Datasheet HTML 61Page - Texas Instruments V6212615-01XE-R Datasheet HTML 62Page - Texas Instruments V6212615-01XE-R Datasheet HTML 63Page - Texas Instruments V6212615-01XE-R Datasheet HTML 64Page - Texas Instruments V6212615-01XE-R Datasheet HTML 65Page - Texas Instruments V6212615-01XE-R Datasheet HTML 66Page - Texas Instruments V6212615-01XE-R Datasheet HTML 67Page - Texas Instruments V6212615-01XE-R Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
9
REGISTER BLOCK
9.1
Table 9-1. Register Map
OFFSET
ACCESS
TAG
DESCRIPTION
HEX
DECIMAL
00h
0
RW
BMCR
Basic Mode Control Register
01h
1
RO
BMSR
Basic Mode Status Register
02h
2
RO
PHYIDR1
PHY Identifier Register #1
03h
3
RO
PHYIDR2
PHY Identifier Register #2
04h
4
RW
ANAR
Auto-Negotiation Advertisement Register
Auto-Negotiation Link Partner Ability Register (Base
05h
5
RW
ANLPAR
Page)
Auto-Negotiation Link Partner Ability Register (Next
05h
5
RW
ANLPARNP
Page)
06h
6
RW
ANER
Auto-Negotiation Expansion Register
07h
7
RW
ANNPTR
Auto-Negotiation Next Page TX
08h-Fh
15-Aug
RW
RESERVED
RESERVED
EXTENDED REGISTERS
10h
16
RO
PHYSTS
PHY Status Register
11h
17
RW
MICR
MII Interrupt Control Register
12h
18
RO
MISR
MII Interrupt Status Register
13h
19
RW
RESERVED
RESERVED
14h
20
RO
FCSCR
False Carrier Sense Counter Register
15h
21
RO
RECR
Receive Error Counter Register
16h
22
RW
PCSR
PCS Sub-Layer Configuration and Status Register
17h
23
RW
RBR
RMII and Bypass Register
18h
24
RW
LEDCR
LED Direct Control Register
19h
25
RW
PHYCR
PHY Control Register
1Ah
26
RW
10BTSCR
10Base-T Status/Control Register
CD Test Control Register and BIST Extensions
1Bh
27
RW
CDCTRL1
Register
1Ch
28
RW
RESERVED
RESERVED
1Dh
29
RW
EDCR
Energy Detect Control Register
1Eh-1Fh
30-31
RW
RESERVED
RESERVED
64
REGISTER BLOCK
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com