Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F256P33BFA Datasheet(PDF) 5 Page - Numonyx B.V

Part # JS28F256P33BFA
Description  NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F256P33BFA Datasheet(HTML) 5 Page - Numonyx B.V

  JS28F256P33BFA Datasheet HTML 1Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 2Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 3Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 4Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 5Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 6Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 7Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 8Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Application Note
Sep 2008
5
Order Number: 320005-04
Conversion Guide: P33 130nm to 65nm
1.0
Introduction
This application note describes the migration from the NumonyxTM StrataFlash®
Embedded Memory (P33-130nm) device to the NumonyxTM StrataFlash® Embedded
Memory (P33-65nm) device.
Note:
Unless otherwise indicated, throughout the rest of this document, the NumonyxTM
StrataFlash® Embedded Memory (P33-130nm) device is referred to as the P33 130nm
device and the NumonyxTM StrataFlash® Embedded Memory (P33-65nm) device is
referred to as the P33 65nm device.
This document was written based on device information available at the time. Any
changes in specifications to either device might not be reflected in this document. Refer
to the appropriate documents or sales personnel for the current product information
before finalizing any design.
2.0
Device Overview
The following sections provide a brief overview of the feature differences between the
P33 130nm and the P33 65nm devices.
2.1
P33 130nm Device
The P33 130nm device features 64-Mbit through 512-Mbit densities and AC/DC
specifications for 52MHz operation. Other features include high performance
synchronous-burst read, Buffered Enhanced Factory Programming (BEFP) with a 32-
word buffer, and an expanded OTP register space. Packaging options include industry-
standard Easy BGA, TSOP and Quad+ packages.
2.2
P33 65nm Device
The P33 65nm device features 64-Mbit through 2-Gbit densities and AC/DC
specifications for 52 MHz operation. This document covers specially 256-Mbit and 512-
Mbit (256M/256M) product information. Other features include high performance
synchronous-burst read, Buffered Enhanced Factory Programming (BEFP) with a 512-
word buffer, and an expanded OTP register space. The P33 65nm device also features
enhanced protection via a password access feature, which allows users to protect write
access to the pre-defined blocks. Please contact the Numonyx Sales for further details
concerning password access. Packaging options include industry-standard Easy BGA
and TSOP packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com