Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F256P33BFA Datasheet(PDF) 6 Page - Numonyx B.V

Part # JS28F256P33BFA
Description  NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F256P33BFA Datasheet(HTML) 6 Page - Numonyx B.V

Back Button JS28F256P33BFA Datasheet HTML 2Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 3Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 4Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 5Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 6Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 7Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 8Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 9Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Conversion Guide: P33 130nm to 65nm
Application Note
Sep 2008
6
Order Number: 320005-04
2.3
P33 130nm and 65nm Features Comparison
Note:
This document doesn’t cover 64-Mbit and 128-Mbit die information. Please refer to Numonyx local Sales for detail.
Table 1:
P33 130nm and 65nm Feature Comparison
Features / Specifications
P33 130nm
P33 65nm
Available Densities (Monolithic)
64 Mbit
Yes
Yes*
128 Mbit
Yes
Yes*
256 Mbit
Yes
Yes
Available Densities (Stack)
512 Mbit
Yes
Yes
Performance
Speed
52 MHz
52 MHz
Initial Access Time (Easy BGA)
85 ns
95 ns
Initial Access Time (TSOP)
95 ns
105 ns
Block Architecture
Parameter Blocks
Four: 32-kByte
Four: 32-kByte
Main Blocks
128-kByte
128-kByte
16-bit data bus
Yes
Yes
Operating Voltage
Logic Core (VCC)
2.3 V to 3.6 V
2.3 V to 3.6 V
I/O (VCCQ)
2.3 V to 3.6 V
2.3 V to 3.6 V
Features
OTP Register Space
128-bits + 2 Kbits
128-bits + 2 Kbits
Flexible Block Locking
Yes
Yes
Buffered Enhanced Factory Program 32-word buffer
512-word buffer
Password Access
No
Yes
Blank Check
No
Yes
Reliability
Operating Temperature
–40 °C to +85 °C
–40 °C to +85 °C
Cycles
100,000
100,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com