Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F256P33BFA Datasheet(PDF) 9 Page - Numonyx B.V

Part # JS28F256P33BFA
Description  NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F256P33BFA Datasheet(HTML) 9 Page - Numonyx B.V

Back Button JS28F256P33BFA Datasheet HTML 5Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 6Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 7Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 8Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 9Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 10Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 11Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 12Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Application Note
Sep 2008
9
Order Number: 320005-04
Conversion Guide: P33 130nm to 65nm
4.0
Hardware Design Considerations
The P33 130nm and P33 65nm flash memory devices provide reliable, two-bit-per-cell
storage technology for embedded applications. They satisfy the need for more density
in less space, with a high-speed interface. Both flash devices feature asymmetrically-
blocked architecture, Buffered Enhanced Factory Programming, and synchronous-burst
read mode. The following sections discuss hardware design considerations when
converting from the P33 130nm device to the P33 65nm device.
4.1
AC Read Specifications
Refer to the product datasheet for detailed list of all read timing specifications:
•NumonyxTM StrataFlash® Embedded Memory (P33-130nm) Datasheet (314749)
•NumonyxTM StrataFlash® Embedded Memory (P33-65nm) Datasheet (320003)
4.2
AC Write/Erase Specifications
Note:
Refer to the product datasheet for detailed list of all write and erase timing
specifications.
•NumonyxTM StrataFlash® Embedded Memory (P33-130nm) Datasheet (314749)
•NumonyxTM StrataFlash® Embedded Memory (P33-65nm) Datasheet (320003)
Table 3:
Key AC Read Specification Comparison
Features / Specifications
P33 130nm
P33 65nm
Performance
Clock Frequency (Max)
52 MHz
52 MHz
Asynchronous Access (tAVQV tVLQV tELQV)
Easy BGA: 85 ns
Easy BGA: 95 ns
TSOP: 95 ns
TSOP: 105 ns
Asynch Page Access time (tAPA)
25 ns
25 ns
Clock-to-Data Burst Access (tCHQV)
17 ns
17 ns
Burst Data Hold Time (tCHQX)3 ns
3ns
Address and ADV# Setup Time (tAVCH, tVLCH)
9 ns
9 ns
CE# Setup Time (tELCH)
9 ns
9 ns
Rise/Fall Time (tFCLK/LCLK)3.0 ns
3.0 ns
Clock High/Low Time (tCH/CL)5 ns
5ns
Vcc power valid to RST# de-assertion (high)
60 us
300 us
Async Page Size
4 words
16 words
Synchronous Burst Length (word)
4-, 8-, 16-, and Cont.
4-, 8-, 16- and Cont.
Burst Suspend Mode
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com