Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F256P33BFA Datasheet(PDF) 15 Page - Numonyx B.V

Part # JS28F256P33BFA
Description  NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F256P33BFA Datasheet(HTML) 15 Page - Numonyx B.V

Back Button JS28F256P33BFA Datasheet HTML 10Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 11Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 12Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 13Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 14Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 15Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 16Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 17Page - Numonyx B.V JS28F256P33BFA Datasheet HTML 18Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Application Note
Sep 2008
15
Order Number: 320005-04
Conversion Guide: P33 130nm to 65nm
5.6
CFI Differences
P33 65nm has a different CFI revision. During adoption of Numonyx or third party
software, several differences must be taken into account. This section will describe the
changes.
5.6.1
CFI revision
The CFI minor revision sorted in offset (P+4)h remains as 5.
CFI version 1.5 is supported in the software provided by Numonyx.
5.6.2
Time-out changes
All CFI time-out changes are listed in Table 11, “Value Changes”
Figure 4: Periodic WAIT State Timing Diagram
Table 10: Periodic Data and WAIT State Comparison
Latency Count
P33 130nm
P33 65nm
Data States
WAIT States
Data States
WAIT States
1
Not Supported
Not Supported
Not Supported
Not Supported
24
0
Not Supported
Not Supported
34
0
16
0
44
0
16
0
54
1
16
0
64
2
16
0
74
3
16
0
8
Not Supported
Not Supported
16
0
9
16
0
10
16
0
11
16
0
12
16
0
13
16
0
14
16
0
15
16
0
Addr[ Max:16]
Addr[15:0]
Data
Data
Data
Data
Periodic
Periodic
Latency Count
Latency Count
CLK
A[ MAX:16]
ADV#
OE#
D[15:0]
WAIT
A [Max :1]
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com