Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4225 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4225
Description  Digital Audio Conversion System
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4225 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4225 Datasheet HTML 4Page - Cirrus Logic CS4225 Datasheet HTML 5Page - Cirrus Logic CS4225 Datasheet HTML 6Page - Cirrus Logic CS4225 Datasheet HTML 7Page - Cirrus Logic CS4225 Datasheet HTML 8Page - Cirrus Logic CS4225 Datasheet HTML 9Page - Cirrus Logic CS4225 Datasheet HTML 10Page - Cirrus Logic CS4225 Datasheet HTML 11Page - Cirrus Logic CS4225 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0V, all voltages with respect to 0V.)
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies:
Digital
VD
-0.3
-
6.0
V
Analog
VA
-0.3
-
6.0
V
Input Current
(Except Supply Pins)
-
-
±10.0
mA
Analog Input Voltage
-0.3
-
(VA+)+0.3
V
Digital Input Voltage
-0.3
-
(VD+)+0.3
V
Ambient Temperature
(Power Applied)
-55
-
+125
°C
Storage Temperature
-65
-
+150
°C
Warning:
Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS (AGND, DGND = 0V, all voltages with
respect to 0V.)
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies:
Digital
VD
4.6
5.0
5.4
V
Analog
VA
4.6
5.0
5.4
V
Operating Ambient Temperature
CS4225-KL
0
25
70
°C
CS4225-BL
TA
-40
25
+85
°C
CS4225-YU
-40
25
+85
°C
DIGITAL CHARACTERISTICS (TA = 25°C; VA+, VD+ = 5V)
Parameter
Symbol
Min
Typ
Max
Units
High-level Input Voltage
VIH
(VD+)-1.0
-
(VD+)+0.3
V
Low-level Input Voltage
VIL
-0.3
-
1.0
V
High-level Output Voltage at I0 = -2.0 mA
VOH
(VD+)-0.3
-
-
V
Low-level Output Voltage at I0 = 2.0 mA
VOL
--
0.1
V
Input Leakage Current
(Digital Inputs)
-
-
10
µA
Output Leakage Current
(High-Z Digital Outputs)
-
-
10
µA
CS4225
8
DS86PP8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com