Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4225 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4225
Description  Digital Audio Conversion System
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4225 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4225 Datasheet HTML 13Page - Cirrus Logic CS4225 Datasheet HTML 14Page - Cirrus Logic CS4225 Datasheet HTML 15Page - Cirrus Logic CS4225 Datasheet HTML 16Page - Cirrus Logic CS4225 Datasheet HTML 17Page - Cirrus Logic CS4225 Datasheet HTML 18Page - Cirrus Logic CS4225 Datasheet HTML 19Page - Cirrus Logic CS4225 Datasheet HTML 20Page - Cirrus Logic CS4225 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
B7
B6
B5
B4
B3
B2
B1
B0
0
ATT6 ATT5 ATT4 ATT3 ATT2 ATT1 ATT0
ATT6 to
Sets Attenuator Level
ATT0
0 - No attenuation
127 - 127 dB attenuation
ATT0 represents 1.00 dB
B7
B6
B5
B4
B3
B2
B1
B0
0
0
0
GN4
GN3
GN2
GN1
GN0
GN4 to
Sets Input Gain
GN0
0 - No gain
31 - 46.5 dB gain
GN0 represents 1.5 dB
B7
B6
B5
B4
B3
B2
B1
B0
INCR
0
0
0
MAP3 MAP2 MAP1 MAP0
MAP3-MAP0
Register Function
0 - Reserved
1 - Output Attenuator 1
2 - Output Attenuator 2
3 - Output Attenuator 3
4 - Output Attenuator 4
5 - Input Gain 1
6 - Input Gain 2
7 - Auxiliary Port Mode
8 - DSP Port Mode
9 - Clock Mode
10
- Control Byte
11
- Status Report Byte
12
- Input Channel Select
13
- Aux Control Byte
14
- Reserved
15
- Reserved
INCR
Auto Increment Control Bit
0 - No auto increment
1 - Auto increment on
B7
B6
B5
B4
B3
B2
B1
B0
0
0
0
AMS ACK1 ACK0 ADF1 ADF0
ADF1 - ADF0
Sets Digital Interface Format
0 - Format 0 - I
2S
1 - Format 1
2 - Format 2
3 - Format 3
ACK1 - ACK0 Sets number of bit clocks per Fs period
0 - 64
1 - 48 - gated 64Fs
2 - 32 - gated 64Fs
3 - 32 - continuous
AMS
AUX Master /Slave control bit
0 - port is master (SCLKAUX and
LRCKAUX are outputs).
1 - port is slave (SCLKAUX and
LRCKAUX are inputs).
Auxiliary Port Mode Byte (7)
B7
B6
B5
B4
B3
B2
B1
B0
0
0
DMS DCK1 DCK0 DDF2 DDF1 DDF0
DDF2 - DDF0 Sets Digital Interface Format
0 - Format 0 - I
2S
1 - Format 1
2 - Format 2
3 - Format 3
4 - One data pin in, One data pin out
mode (Format 4).
5 - Output is Format 1 on SDOUT1
and SDOUT2, input is Format 4
on SDIN1.
DCK1 - DCK0 Set number of bit clocks per Fs period
0 - 64
1 - 48 - gated 64 Fs
2 - 32 - gated 64 Fs
3 - 32 - continuous
DMS
DSP Master /Slave control bit
0 - port is master (SLCK and LRCK
are outputs).
1 - port is slave (SLCK and LRCK
are inputs).
DSP Port Mode Byte (8)
Memory Address Pointer (MAP)
Output Attenuator Data Byte (1, 2, 3, 4)
Input Gain Setting Data Byte (5, 6)
CS4225
DS86PP8
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com