Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2407 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2407
Description  Dual Addressable Switch Plus 1K.Bit Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2407 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS2407 Datasheet HTML 3Page - Dallas Semiconductor DS2407 Datasheet HTML 4Page - Dallas Semiconductor DS2407 Datasheet HTML 5Page - Dallas Semiconductor DS2407 Datasheet HTML 6Page - Dallas Semiconductor DS2407 Datasheet HTML 7Page - Dallas Semiconductor DS2407 Datasheet HTML 8Page - Dallas Semiconductor DS2407 Datasheet HTML 9Page - Dallas Semiconductor DS2407 Datasheet HTML 10Page - Dallas Semiconductor DS2407 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
DS2407
012099 7/31
STATUS MEMORY
The Status Memory can be read or written to indicate
various conditions to the software interrogating the
DS2407. These conditions include special features for
the data memory, definition of the power–on default and
actual settings for the Conditional Search as well as the
channel flip–flops and the external power supply indica-
tion. How these functions are assigned to the bits of the
Status Memory is detailed in Figure 5. The channel flip–
flops and power supply indication are also included in
the Channel Info Byte of the Channel Access command
protocol (see Figure 6).
The first four bits of the Status Memory (address 0, bits 0
to 3) contain the Write Protect Page bits which inhibit
programming of the corresponding page in the 1024–bit
data memory area if the appropriate write protection bit
is programmed. Once a bit has been programmed in the
Write Protect Page section of the Status Memory, the
entire 32 byte page that corresponds to that bit can no
longer be altered but may still be read. The remaining 4
bits of Status Memory location 0 are reserved for use by
the iButton operating software TMEX. Their purpose is
to indicate which memory pages are already in use.
Originally, all of these bits are unprogrammed, indicat-
ing that the device does not contain any data. As soon
as data is written to any page of the device under control
of TMEX, the bit inside this bitmap corresponding to that
page will be programmed to 0, marking this page as
used. These bits are application flags only and have no
impact on the internal logic of the DS2407.
The next four bytes of the Status Memory (addresses 1
to 4) contain the Page Address Redirection Bytes which
indicate if one or more of the pages of data in the
1024–bits EPROM memory section have been invali-
dated by software and redirected to the page address
contained in the appropriate redirection byte. The hard-
ware of the DS2407 makes no decisions based on the
contents of the Page Address Redirection Bytes. Since
with EPROM technology bits can only be changed from
a logical 1 to a logical 0 by programming, it is not pos-
sible to simply rewrite a page if the data requires chang-
ing or updating. But with space permitting, an entire
page of data can be redirected to another page within
the DS2407. Under TMEX, a page is redirected by writ-
ing the one’s complement of the new page address into
the Page Address Redirection Byte that corresponds to
the original (replaced) page. This architecture allows
the user’s software to make a “data patch” to the
EPROM by indicating that a particular page or pages
should be replaced with those indicated in the Page
Address Redirection Bytes.
Under TMEX, if a Page Address Redirection Byte has a
FFh value, the data in the main memory that corre-
sponds to that page is valid. If a Page Address Redirec-
tion Byte has some other hex value than FFh, the data in
the page corresponding to that redirection byte is
invalid. According to the TMEX definitions, the valid
data will now be found at the one’s complement of the
page address indicated by the hex value stored in the
associated Page Address Redirection Byte. A value of
FDh in the redirection byte for page 1, for example,
would indicate that the updated data is now in page 2.
Since the data memory consists of four pages only, the 6
most significant bits of the redirection bytes cannot be
programmed to zeros.
Status Memory location 5 is programmed to 00h at the
factory. Status Memory location 6 contains the pow-
er–on default settings for the Conditional Search Select
(CSS0 to CSS4, bits 0 to 4) and the PIO channels. The
power–on settings become valid as they are internally
transferred by the device into Status Memory location 7
after the device has powered up and the bus master
sends a ROM Function Command byte for the first time.
The codes for the Conditional Search Settings are
detailed with the description of the Conditional Search
command later in this data sheet. If both CSS1 and
CSS2 in Status Memory Location 7 are set to zero, the
DS2407 will enter a “Hidden Mode” where it will keep its
status but only responds to Match ROM and Conditional
Search. To respond to Conditional Search the polarity
(CSS0) needs to be 1. The “Hidden Mode” can be ended
either by a power–on reset or by matching the device’s
registration number and setting CSS1 or CSS2 to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com