Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2407 Datasheet(PDF) 25 Page - Dallas Semiconductor

Part # DS2407
Description  Dual Addressable Switch Plus 1K.Bit Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2407 Datasheet(HTML) 25 Page - Dallas Semiconductor

Back Button DS2407 Datasheet HTML 21Page - Dallas Semiconductor DS2407 Datasheet HTML 22Page - Dallas Semiconductor DS2407 Datasheet HTML 23Page - Dallas Semiconductor DS2407 Datasheet HTML 24Page - Dallas Semiconductor DS2407 Datasheet HTML 25Page - Dallas Semiconductor DS2407 Datasheet HTML 26Page - Dallas Semiconductor DS2407 Datasheet HTML 27Page - Dallas Semiconductor DS2407 Datasheet HTML 28Page - Dallas Semiconductor DS2407 Datasheet HTML 29Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
DS2407
012099 25/31
READ/WRITE TIMING DIAGRAM Figure 15 (cont’d)
Write–zero Time Slot
VPULLUP
VPULLUP MIN
VIH MIN
VIL MAX
0V
tSLOT
tREC
tLOW0
DS2407
SAMPLING WINDOW
60
µs
15
µs
60
µs < tLOW0 < tSLOT < 120 µs
1
µs < tREC < 1
Read–data Time Slot
VPULLUP
VPULLUP MIN
VIH MIN
VIL MAX
0V
tSLOT
tREC
tRDV
tLOWR
60
µs < tSLOT < 120 µs
1
µs < tLOWR < 15 µs
0 < tRELEASE < 45 µs
1
µs < tREC < 1
tRDV = 15 µs
tSU < 1 µs
tRELEASE
MASTER SAMPLING
WINDOW
RESISTOR
MASTER
DS2407
tSU
1–WIRE SIGNALING
The DS2407 requires strict protocols to insure data
integrity. The protocol consists of five types of signaling
on one line: Reset Sequence with Reset Pulse and
Presence Pulse, Write 0, Write 1, Read Data and Pro-
gram Pulse. All these signals except presence pulse are
initiated by the bus master. The initialization sequence
required to begin any communication with the DS2407
is shown in Figure 14. A reset pulse followed by a pres-
ence pulse indicates the DS2407 is ready to accept a
ROM command. The bus master transmits (TX) a reset
pulse (tRSTL, minimum 480 µs). The bus master then
releases the line and goes into receive mode (RX). The
1–Wire bus is pulled to a high state via the pull–up resis-
tor. After detecting the rising edge on the data pin, the
DS2407 waits (tPDH, 15–60 µs) and then transmits the
presence pulse (tPDL, 60–240 µs). If the device is pro-
grammed to power–up into the “Hidden Mode”, the
presence pulse will be observed only once during the
power–up phase. With every subsequent reset pulse no
presence pulse will be transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com