Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2407 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS2407
Description  Dual Addressable Switch Plus 1K.Bit Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2407 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS2407 Datasheet HTML 6Page - Dallas Semiconductor DS2407 Datasheet HTML 7Page - Dallas Semiconductor DS2407 Datasheet HTML 8Page - Dallas Semiconductor DS2407 Datasheet HTML 9Page - Dallas Semiconductor DS2407 Datasheet HTML 10Page - Dallas Semiconductor DS2407 Datasheet HTML 11Page - Dallas Semiconductor DS2407 Datasheet HTML 12Page - Dallas Semiconductor DS2407 Datasheet HTML 13Page - Dallas Semiconductor DS2407 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
DS2407
012099 10/31
If the CRC read by the bus master is incorrect, a Reset
Pulse must be issued and the entire sequence must be
repeated. If the CRC received by the bus master is cor-
rect, a programming pulse (12 volts on the 1–Wire bus
for 480
µs) is issued by the bus master. Prior to program-
ming, the entire unprogrammed EPROM memory field
will appear as logical 1s. For each bit in the data byte
provided by the bus master that is set to a logical 0, the
corresponding bit in the selected byte of the EPROM
memory is programmed to a logical 0 after the program-
ming pulse has been applied.
After the 480
µs programming pulse is applied and the
data line returns to the idle level (5 volts), the bus master
issues eight read time slots to verify that the appropriate
bits have been programmed. The DS2407 responds
with the data from the selected EPROM address sent
least significant bit first. This byte contains the bitwise
logical AND of all data ever written to this address. If the
EPROM byte contains 1s in bit positions where the byte
issued by the master contained 0s, a Reset Pulse
should be issued and the current byte address should
be programmed again. If the DS2407 EPROM byte con-
tains 0s in the same bit positions as the data byte, the
programming was successful and the DS2407 will auto-
matically increment its address counter to select the
next byte in the EPROM memory field. The new two–
byte address will also be loaded into the 16–bit CRC
generator as a starting value. The bus master will issue
the next byte of data using eight write time slots.
As the DS2407 receives this byte of data into the
scratchpad, it also shifts the data into the CRC genera-
tor that has been preloaded with the current address
and the result is a 16–bit CRC of the new data byte and
the new address. After supplying the data byte, the bus
master will read this 16–bit CRC from the DS2407 with
sixteen read time slots to confirm that the address
incremented properly and the data byte was received
correctly. If the CRC is incorrect, a Reset Pulse must be
issued and the write sequence must be restarted. If the
CRC is correct, the bus master will issue a programming
pulse and the selected byte in memory will be pro-
grammed.
Note that the initial pass through the write flow chart will
generate an 16–bit CRC value that is the result of shift-
ing the command byte into the CRC generator, followed
by the two address bytes, and finally the data byte. Sub-
sequent passes through the write flow chart due to the
DS2407 automatically incrementing its address counter
will generate a 16–bit CRC that is the result of loading
(not shifting) the new (incremented) address into the
CRC generator and then shifting in the new data byte.
For both of these cases, the decision to continue (to
apply a program pulse to the DS2407) is made entirely
by the bus master, since the DS2407 will not be able to
determine if the 16–bit CRC calculated by the bus mas-
ter agrees with the 16–bit CRC calculated by the
DS2407. If an incorrect CRC is ignored and a program
pulse is applied by the bus master, incorrect program-
ming could occur within the DS2407. Also note that the
DS2407 will always increment its internal address
counter after the receipt of the eight read time slots used
to confirm the programming of the selected EPROM
byte. The decision to continue is again made entirely by
the bus master. Therefore if the EPROM data byte does
not match the supplied data byte but the master contin-
ues with the write command, incorrect programming
could occur within the DS2407. The write command
sequence can be ended at any point by issuing a Reset
Pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com