Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2407 Datasheet(PDF) 20 Page - Dallas Semiconductor

Part # DS2407
Description  Dual Addressable Switch Plus 1K.Bit Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2407 Datasheet(HTML) 20 Page - Dallas Semiconductor

Back Button DS2407 Datasheet HTML 16Page - Dallas Semiconductor DS2407 Datasheet HTML 17Page - Dallas Semiconductor DS2407 Datasheet HTML 18Page - Dallas Semiconductor DS2407 Datasheet HTML 19Page - Dallas Semiconductor DS2407 Datasheet HTML 20Page - Dallas Semiconductor DS2407 Datasheet HTML 21Page - Dallas Semiconductor DS2407 Datasheet HTML 22Page - Dallas Semiconductor DS2407 Datasheet HTML 23Page - Dallas Semiconductor DS2407 Datasheet HTML 24Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
DS2407
012099 20/31
DS2407 EQUIVALENT CIRCUIT Figure 10
5
µA
Typ.
100
Ω
MOSFET
TX
RX
DATA
GROUND
Q
Q
RESET
D
Q
D
Q
R
GROUND
10M
Ω
Typ.
“1”
PIO
ACTIVITY
LATCH
TO PIO
CONTROL
1–WIRE DATA
FROM PIO
CONTROL
EDGE
DETECTOR
CHANNEL
FLIP–FLOP
PIO CHANNEL
1–WIRE INTERFACE
BUS MASTER CIRCUIT Figure 11
The interface is reduced to the 5k
Ω pull–up resistor if one does not intend to program the EPROM cells.
BUS MASTER
VDD
TTL–Equivalent
Port Pins
RX
TX
5k
Ω
B) Standard TTL
VPUP
5k
Ω
PROGRAMMING PULSE
12V
(10 mA min.)
BUS MASTER
VDD
VPUP
DS5000 OR 8051 EQUIVALENT
Open Drain
Port Pin
RX
TX
A) Open Drain
12V
TO DATA CONNECTION
OF DS2506
5k
Ω
10k
Ω
10k
Ω
PGM
D
S
D
S
S
D
D
S
2N7000
2N7000
2N7000
470 pF
VP0300L
OR
VP0106N3
OR
BSS110
CAPACITOR ADDED TO REDUCE
COUPLING ON DATA LINE DUE TO
PROGRAMMING SIGNAL SWITCHING
TO DATA CONNECTION
OF DS2507
The diode and Programming Pulse circuit are not required if one does not intend to program the EPROM cells.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com