Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2407 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS2407
Description  Dual Addressable Switch Plus 1K.Bit Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2407 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS2407 Datasheet HTML 12Page - Dallas Semiconductor DS2407 Datasheet HTML 13Page - Dallas Semiconductor DS2407 Datasheet HTML 14Page - Dallas Semiconductor DS2407 Datasheet HTML 15Page - Dallas Semiconductor DS2407 Datasheet HTML 16Page - Dallas Semiconductor DS2407 Datasheet HTML 17Page - Dallas Semiconductor DS2407 Datasheet HTML 18Page - Dallas Semiconductor DS2407 Datasheet HTML 19Page - Dallas Semiconductor DS2407 Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
DS2407
012099 16/31
available, bit 6 of the Channel Info Byte reads 1. For
1–channel versions of the DS2407, the PIO B sensed
level, channel flip–flop value, and activity latch value
should be ignored. Without an external supply, the sup-
ply indication bit (bit 7) reads 0. As long as the voltage
applied to the VCC pin is high enough to operate the
device this bit will read 1.
CHANNEL CONTROL BYTE 1 Figure 7a
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Activity
latch reset
IM
TOG
IC
CHS1
CHS0
CRC1
CRC0
CHANNEL CONTROL BYTE 2 Figure 7b
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
1
1
1
1
1
1
1
1
THE EFFECT OF TOGGLE MODE AND INITIAL MODE Figure 7c
TOG
IM
CHANNELS
EFFECT
0
0
one channel
Write all bits to the selected channel.
0
1
one channel
Read all bits from the selected channel.
1
0
one channel
Write eight bits, read eight bits, write, read, etc. to/
from the selected channel.
1
1
one channel
Read eight bits, write eight bits, read, write, etc.
from/to the selected channel.
0
0
two channels
Repeat: four times (write A, write b)
0
1
two channels
Repeat: four times (read A, read B)
1
0
two channels
Four times: (write A, write B), four times: (read A,
read B), write, read, etc.
1
1
two channels
Four times: (read A, read B), four times: (write A,
write B), read, write, etc.
CHANNEL INFO BYTE Figure 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Supply
Indication
0=no sup-
ply
Number of
Channels
0=channel A
only
PIO–B
Activity
Latch
PIO–A
Activity
Latch
PIO–B
Sensed
Level
PIO–A
Sensed
Level
PIO–B
Channel
Flip–Flop Q
PIO–A
Channel
Flip–Flop Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com