Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP43503 Datasheet(PDF) 7 Page - SIPAT Co,Ltd

Part # SP43503
Description  SP43503
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43503 Datasheet(HTML) 7 Page - SIPAT Co,Ltd

Back Button SP43503 Datasheet HTML 2Page - SIPAT Co,Ltd SP43503 Datasheet HTML 3Page - SIPAT Co,Ltd SP43503 Datasheet HTML 4Page - SIPAT Co,Ltd SP43503 Datasheet HTML 5Page - SIPAT Co,Ltd SP43503 Datasheet HTML 6Page - SIPAT Co,Ltd SP43503 Datasheet HTML 7Page - SIPAT Co,Ltd SP43503 Datasheet HTML 8Page - SIPAT Co,Ltd SP43503 Datasheet HTML 9Page - SIPAT Co,Ltd SP43503 Datasheet HTML 10Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Product Specification
SP43503
Page 7 of 10
Table 11. Parallel and Direct Interface AC
Table 10. Serial Interface AC Characteristics
VDD = 3.3 or 5.0 V, -40° C < TA < 85° C, unless otherwise specified
VDD = 3.3 or 5.0 V, -40° C < TA < 85° C, unless otherwise specified
Figure 15. Serial Timing Diagram
Figure 16. Latched-Parallel/Direct-Parallel Timing Diagram
Symbol
Parameter
Min
Max
Unit
FCLK
Serial clock frequency
-
10
MHz
TCLKH
Serial clock HIGH time
30
-
ns
TCLKL
Serial clock LOW time
30
-
ns
TLESU
Last serial clock rising edge
setup time to Latch Enable
rising edge
10
-
ns
TLEPW
Latch Enable min. pulse width
30
-
ns
TSISU
Serial data setup time
10
-
ns
TSIH
Serial data hold time
10
-
ns
TDISU
Parallel data setup time
100
-
ns
TDIH
Parallel data hold time
100
-
ns
TASU
Address setup time
100
-
ns
TAH
Address hold time
100
-
ns
TPSSU
Parallel/Serial setup time
100
-
ns
TPSH
Parallel/Serial hold time
100
-
ns
TPD
Digital register delay (internal)
-
10
ns
Symbol
Parameter
Min
Max
Unit
TLEPW
Latch Enable minimum
pulse width
30
-
ns
TDISU
Parallel data setup time
100
-
ns
TDIH
Parallel data hold time
100
-
ns
TPSSU
Parallel/Serial setup time
100
-
ns
TPSIH
Parallel/Serial hold time
100
-
ns
TPD
Digital register delay
(internal)
-
10
ns
TDIPD
Digital register delay
(internal, direct mode only)
-
5
ns
Characteristics
VALID
T
DISU
T
DIH
DI[6:2]
LE
P/S
T
PSSU
T
PSIH
T
LEPW
VALID
DO[6:2]
T
DIPD
T
PD
D[0], D[1] and D[7] must be set to logic low
Bits can either be set to logic high or logic low
D[0]
D[1]
D[2]
D[3]
D[4]
D[5]
D[7]
T
SISU
T
CLKL
T
LEPW
T
SIH
T
CLKH
SI
CLK
LE
P/S
T
LESU
T
PSSU
T
PSIH
VALID
T
DISU
T
PD
T
DIH
D[6]
DI[6:2]
DO[6:0]
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com