Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP43503 Datasheet(PDF) 6 Page - SIPAT Co,Ltd

Part # SP43503
Description  SP43503
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43503 Datasheet(HTML) 6 Page - SIPAT Co,Ltd

Back Button SP43503 Datasheet HTML 2Page - SIPAT Co,Ltd SP43503 Datasheet HTML 3Page - SIPAT Co,Ltd SP43503 Datasheet HTML 4Page - SIPAT Co,Ltd SP43503 Datasheet HTML 5Page - SIPAT Co,Ltd SP43503 Datasheet HTML 6Page - SIPAT Co,Ltd SP43503 Datasheet HTML 7Page - SIPAT Co,Ltd SP43503 Datasheet HTML 8Page - SIPAT Co,Ltd SP43503 Datasheet HTML 9Page - SIPAT Co,Ltd SP43503 Datasheet HTML 10Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Product Specification
SP43503
Page 6 of 10
Programming Options
Parallel/Serial Selection
Either a parallel or serial interface can be used to
control the SP43503. The
P̅/S bit provides this
selection, with
P̅/S=LOW selecting the parallel
interface and
P̅/S=HIGH selecting the serial
interface.
Parallel Mode Interface
The parallel interface consists of five CMOS-
compatible control lines that select the desired
attenuation state, as shown in Table 7.
The parallel interface timing requirements are
defined by Fig. 16 (Parallel Interface Timing
Diagram), Table 11 (Parallel Interface AC
Characteristics), and switching speed (Table 1).
For latched-parallel programming the Latch Enable
(LE) should be held LOW while changing attenuation
state control values, then pulse LE HIGH to LOW
(per Fig. 16) to latch new attenuation state into
device.
For direct parallel programming, the Latch Enable
(LE) line should be pulled HIGH. Changing
attenuation state control values will change device
state to new attenuation. Direct Mode is ideal for
manual control of the device (using hardwire,
switches, or jumpers).
Serial Interface
The serial interface is a 8-bit serial-in, parallel-out
shift register buffered by a transparent latch. The 8-
bits make up the Attenuation Word that controls the
DSA. Fig. 15 illustrates a example timing diagram for
programming a state. When the DSA is used in
serial mode, ground all parallel control pins (pins 19-
23).
The serial-interface is controlled using three CMOS-
compatible signals: Serial-In (SI), Clock (CLK), and
Latch Enable (LE). The SI and CLK inputs allow
data to be serially entered into the shift register.
Serial data is clocked in LSB first.
The shift register must be loaded while LE is held
LOW to prevent the attenuator value from changing
as data is entered. The LE input should then be
toggled HIGH and brought LOW again, latching the
new data into the DSA. Attenuation Word truth table
is listed in Table 8. A programming example of the
serial register is illustrated in Table 9. The serial
timing diagram is illustrated in Fig. 15. It is required
that all parallel pins be grounded when the DSA is
used in serial mode.
Power-up Control Settings
The SP43503 will always initialize to the maximum
attenuation setting (31 dB) on power-up for both the
serial and latched-parallel modes of operation and
will remain in this setting until the user latches in the
next programming word. In direct-parallel mode, the
DSA can be preset to any state within the 31 dB
range by pre-setting the parallel control pins prior to
power-up. In this mode, there is a 400-µs delay
between the time the DSA is powered-up to the time
the desired state is set. During this power-up delay,
the device attenuates to the maximum attenuation
setting (31 dB) before defaulting to the user defined
state. If the control pins are left floating in this mode
during power-up, the device will default to the
minimum attenuation setting (insertion loss state).
Dynamic operation between serial and parallel
programming modes is possible.
If the DSA powers up in serial mode (
P̅/S = HIGH),
all the parallel control inputs DI[6:2] must be set to
logic low. Prior to toggling to parallel mode, the DSA
must be programmed serially to ensure D[7] is set to
logic low.
If the DSA powers up in either latched or direct-
parallel mode, all parallel pins DI[6:2] must be set to
logic low prior to toggling to serial mode (
P̅/S
= HIGH), and held low until the DSA has been
programmed serially to ensure bit D[7] is set to logic
low.
The sequencing is only required once on power-
up. Once completed, the DSA may be toggled
between serial and parallel programming modes at
will.
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com