Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP43503 Datasheet(PDF) 9 Page - SIPAT Co,Ltd

Part # SP43503
Description  SP43503
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43503 Datasheet(HTML) 9 Page - SIPAT Co,Ltd

Back Button SP43503 Datasheet HTML 2Page - SIPAT Co,Ltd SP43503 Datasheet HTML 3Page - SIPAT Co,Ltd SP43503 Datasheet HTML 4Page - SIPAT Co,Ltd SP43503 Datasheet HTML 5Page - SIPAT Co,Ltd SP43503 Datasheet HTML 6Page - SIPAT Co,Ltd SP43503 Datasheet HTML 7Page - SIPAT Co,Ltd SP43503 Datasheet HTML 8Page - SIPAT Co,Ltd SP43503 Datasheet HTML 9Page - SIPAT Co,Ltd SP43503 Datasheet HTML 10Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Product Specification
SP43503
Page 9 of 10
Figure 19. Package Drawing
Figure 18. Evaluation Board Schematic
Note: Capacitors C1-C8, C13, & C14 may be omitted.
Z=50 Ohm
De-embeding trace
Z=50 Ohm
Z=50 Ohm
43X0X DSA 50 Ohm 4x4 MLP24
D3
C7
100pF
C1
100pF
D0
1
J4
SMA
P/S
C6
100pF
D4
C4
100pF
D5
1
1
3
3
5
5
7
7
2
2
4
4
6
6
8
8
10
10
12
12
14
14
13
13
9
9
11
11
J1
HEADER 14
1
J7
SMA
C3
100pF
C10
100pF
D6
1
J5
SMA
D1
1
J6
SMA
C2
100pF
C8
100pF
C9
0.1µF
D2
C5
100pF
1
2
J3
CON2
1
CLOCK
2
DATA
3
LE
4
GND
SERIAL
HEADER 4
C13
100pF
C14
100pF
1
CP25
2
VDD
3
S/P
4
GND
5
RF1
6
GND
13
GND
14
RF2
15
GND
16
LE
17
CLK
18
SI
U1
VDD
VDD
D3
D1
D4
D5
P/S
D0
D2
D6
CLK
DATA
LE
D0
VDD
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com