Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP43503 Datasheet(PDF) 5 Page - SIPAT Co,Ltd

Part # SP43503
Description  SP43503
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43503 Datasheet(HTML) 5 Page - SIPAT Co,Ltd

  SP43503 Datasheet HTML 1Page - SIPAT Co,Ltd SP43503 Datasheet HTML 2Page - SIPAT Co,Ltd SP43503 Datasheet HTML 3Page - SIPAT Co,Ltd SP43503 Datasheet HTML 4Page - SIPAT Co,Ltd SP43503 Datasheet HTML 5Page - SIPAT Co,Ltd SP43503 Datasheet HTML 6Page - SIPAT Co,Ltd SP43503 Datasheet HTML 7Page - SIPAT Co,Ltd SP43503 Datasheet HTML 8Page - SIPAT Co,Ltd SP43503 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Product Specification
SP43503
Page 5 of 10
Table 5. Control Voltage
Table 6. Latch and Clock Specifications
Table 8. Attenuation Word Truth Table
Parallel Control Setting
Attenuation Setting
RF1-RF2
D6
D5
D4
D3
D2
L
L
L
L
L
Reference I.L.
L
L
L
L
H
1 dB
L
L
L
H
L
2 dB
L
L
H
L
L
4 dB
L
H
L
L
L
8 dB
H
L
L
L
L
16 dB
H
H
H
H
H
31 dB
Table 7. Parallel Truth Table
State
Bias Condition
Low
0 to +1.0 Vdc at 2
µA (typ)
High
+2.6 to +5 Vdc at 10
µA (typ)
Latch Enable
Function
X
Shift Register Clocked
↑
Contents of shift register
transferred to attenuator core
Shift Clock
↑
X
Attenuation Word
Attenuation
Setting
RF1-RF2
D7
D6
D5
D4
D3
D2
D1
D0
(LSB)
L
L
L
L
L
L
L
L
Reference I.L.
L
L
L
L
L
H
L
L
1 dB
L
L
L
L
H
L
L
L
2 dB
L
L
L
H
L
L
L
L
4 dB
L
L
H
L
L
L
L
L
8 dB
L
H
L
L
L
L
L
L
16 dB
L
H
H
H
H
H
L
L
31 dB
Table 9. Serial Register Map
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
D7
D6
D5
D4
D3
D2
D1
D0
Attenuation Word
LSB (first in)
MSB (last in)
Bits must be set to logic low
Attenuation Word is derived directly from the attenuation value. For example, to program the 13 dB state:
Attenuation Word: Multiply by 4 and convert to binary
→ 4 *13 dB → 52 → 00110100
Serial Input: 00110100
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com