Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP43503 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP43503
Description  SP43503
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43503 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP43503 Datasheet HTML 1Page - SIPAT Co,Ltd SP43503 Datasheet HTML 2Page - SIPAT Co,Ltd SP43503 Datasheet HTML 3Page - SIPAT Co,Ltd SP43503 Datasheet HTML 4Page - SIPAT Co,Ltd SP43503 Datasheet HTML 5Page - SIPAT Co,Ltd SP43503 Datasheet HTML 6Page - SIPAT Co,Ltd SP43503 Datasheet HTML 7Page - SIPAT Co,Ltd SP43503 Datasheet HTML 8Page - SIPAT Co,Ltd SP43503 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1 of 10
The SP43503 is a HaRP
™-enhanced, high linearity, 5-bit RF
Digital Step Attenuator (DSA) covering a 31 dB attenuation
range in 1 dB steps. The Peregrine 50
Ω RF DSA provides a
serial CMOS control interface. It maintains high attenuation
accuracy over frequency and temperature and exhibits very low
insertion loss and low power consumption. Performance does
not change with Vdd due to on-board regulator. This next
generation Peregrine DSA is available in a 4x4 mm 24-lead
QFN footprint.
The SP43503 is manufactured on SIPAT’s CMOS
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
50
Ω RF Digital Attenuator
5-bit, 31 dB, 9 kHz - 6.0 GHz
Product Description
Figure 2. Functional Schematic Diagram
SP43503
Features
• HaRP™-enhanced UltraCMOS™ device
• Attenuation: 1 dB steps to 31 dB
• High Linearity: Typical +58 dBm IP3
• Excellent low-frequency performance
• 3.3 V or 5.0 V Power Supply Voltage
• Fast switch settling time
• Programming Modes:
• Direct Parallel
• Latched Parallel
• Serial
• High-attenuation state @ power-up (PUP)
• CMOS Compatible
• No DC blocking capacitors required
• Packaged in a 24-lead 4x4x0.85 mm QFN
Figure 1. Package Type
Control Logic Interface
RF Input
RF Output
Switched Attenuator Array
Serial In
LE
CLK
A0
A1
A2
Parallel Control 5
P/S
24-lead 4x4x0.85 mm QFN Package
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


Similar Part No. - SP43503

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP435W SYNC-POWER-SP435W Datasheet
98Kb / 7P
Dual OP AMP with Voltage Regulator
SP435WS8RGB SYNC-POWER-SP435WS8RGB Datasheet
98Kb / 7P
Dual OP AMP with Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com