Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP43503 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP43503
Description  SP43503
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43503 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP43503 Datasheet HTML 1Page - SIPAT Co,Ltd SP43503 Datasheet HTML 2Page - SIPAT Co,Ltd SP43503 Datasheet HTML 3Page - SIPAT Co,Ltd SP43503 Datasheet HTML 4Page - SIPAT Co,Ltd SP43503 Datasheet HTML 5Page - SIPAT Co,Ltd SP43503 Datasheet HTML 6Page - SIPAT Co,Ltd SP43503 Datasheet HTML 7Page - SIPAT Co,Ltd SP43503 Datasheet HTML 8Page - SIPAT Co,Ltd SP43503 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Product Specification
SP43503
Page 3 of 10
30
35
40
45
50
55
60
65
70
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Frequency (MHz)
0dB
1dB
2dB
4dB
8dB
16dB
31dB
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
4
8
12
1620
2428
32
Attenuation Setting (dB)
-40C
+25C
+85C
0
20
40
60
80
100
120
140
01
23
4
5
6
7
8
Frequency (GHz)
0dB
1dB
2dB
4dB
8dB
16dB
31dB
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
01
23
4
5
67
89
Frequency (GHz)
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31dB
-40
-35
-30
-25
-20
-15
-10
-5
0
01
23
45
67
89
Frequency (GHz)
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31dB
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
02
4
6
8
10
Frequency (GHz)
-40C
+25C
+85C
Figure 7. Insertion Loss vs. Temperature
Figure 8. Input Return Loss vs. Attenuation
@ T = +25C
Figure 9. Output Return Loss vs. Attenuation
@ T = +25C
Figure 10. Relative Phase vs. Frequency
Figure 11. Attenuation Error vs. Temperature
@ 6 GHz
Figure 12. Input IP3 vs. Frequency
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com