Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA40 Datasheet(PDF) 28 Page - Socay Electornics Co., Ltd.

Part # SA40
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SA40 Datasheet(HTML) 28 Page - Socay Electornics Co., Ltd.

Back Button SA40 Datasheet HTML 24Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 25Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 26Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 27Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 28Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 29Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 30Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 31Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 32Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
www.socay.com
28
Axial Lead Transient Voltage Suppressors (TVS)
P4KE Series
6.8 To 600 V
400W
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
P4KE6.8
P4KE6.8C
5.5
6.12
7.48
10
10.8
37.04
1000
P4KE6.8A
P4KE6.8CA
5.8
6.46
7.14
10
10.5
38.10
1000
P4KE7.5
P4KE7.5C
6.1
6.75
8.25
10
11.7
34.19
500
P4KE7.5A
P4KE7.5CA
6.4
7.13
7.88
10
11.3
35.40
500
P4KE8.2
P4KE8.2C
6.6
7.38
9.02
10
12.5
32.00
200
P4KE8.2A
P4KE8.2CA
7.0
7.79
8.61
10
12.1
33.06
200
P4KE9.1
P4KE9.1C
7.4
8.19
10.01
1
13.8
28.99
50
P4KE9.1A
P4KE9.1CA
7.8
8.65
9.56
1
13.4
29.85
50
P4KE10
P4KE10C
8.1
9.00
11.00
1
15.0
26.67
10
P4KE10A
P4KE10CA
8.6
9.50
10.50
1
14.5
27.59
10
P4KE11
P4KE11C
8.9
9.90
12.10
1
16.2
24.69
5
P4KE11A
P4KE11CA
9.4
10.45
11.55
1
15.6
25.64
5
P4KE12
P4KE12C
9.7
10.80
13.20
1
17.3
23.12
5
P4KE12A
P4KE12CA
10.2
11.40
12.60
1
16.7
23.95
5
P4KE13
P4KE13C
10.5
11.70
14.30
1
19.0
21.05
5
P4KE13A
P4KE13CA
11.1
12.35
13.65
1
18.2
21.98
5
P4KE15
P4KE15C
12.1
13.50
16.50
1
22.0
18.18
5
P4KE15A
P4KE15CA
12.8
14.25
15.75
1
21.2
18.87
5
P4KE16
P4KE16C
12.9
14.40
17.60
1
23.5
17.02
5
P4KE16A
P4KE16CA
13.6
15.20
16.80
1
22.5
17.78
5
P4KE18
P4KE18C
14.5
16.20
19.80
1
26.5
15.09
5
P4KE18A
P4KE18CA
15.3
17.10
18.90
1
25.2
15.87
5
P4KE20
P4KE20C
16.2
18.00
22.00
1
29.1
13.75
5
P4KE20A
P4KE20CA
17.1
19.00
21.00
1
27.7
14.44
5
P4KE22
P4KE22C
17.8
19.80
24.20
1
31.9
12.54
5
P4KE22A
P4KE22CA
18.8
20.90
23.10
1
30.6
13.07
5
P4KE24
P4KE24C
19.4
21.60
26.40
1
34.7
11.53
5
P4KE24A
P4KE24CA
20.5
22.80
25.20
1
33.2
12.05
5
P4KE27
P4KE27C
21.8
24.30
29.70
1
39.1
10.23
5
P4KE27A
P4KE27CA
23.1
25.65
28.35
1
37.5
10.67
5
P4KE30
P4KE30C
24.3
27.00
33.00
1
43.5
9.20
5
P4KE30A
P4KE30CA
25.6
28.50
31.50
1
41.4
9.66
5
P4KE33
P4KE33C
26.8
29.70
36.30
1
47.7
8.39
5
P4KE33A
P4KE33CA
28.2
31.35
34.65
1
45.7
8.75
5
P4KE36
P4KE36C
29.1
32.40
39.60
1
52.0
7.69
5
P4KE36A
P4KE36CA
30.8
34.20
37.80
1
49.9
8.02
5
P4KE39
P4KE39C
31.6
35.10
42.90
1
56.4
7.09
5
P4KE39A
P4KE39CA
33.3
37.05
40.95
1
53.9
7.42
5
P4KE43
P4KE43C
34.8
38.70
47.30
1
61.9
6.46
5
P4KE43A
P4KE43CA
36.8
40.85
45.15
1
59.3
6.75
5
P4KE47
P4KE47C
38.1
42.30
51.70
1
67.8
5.90
5
P4KE47A
P4KE47CA
40.2
44.65
49.35
1
64.8
6.17
5
P4KE51
P4KE51C
41.3
45.90
56.10
1
73.5
5.44
5
P4KE51A
P4KE51CA
43.6
48.45
53.55
1
70.1
5.71
5
P4KE56
P4KE56C
45.4
50.40
61.60
1
80.5
4.97
5
P4KE56A
P4KE56CA
47.8
53.20
58.80
1
77.0
5.19
5
P4KE62
P4KE62C
50.2
55.80
68.20
1
89.0
4.49
5
P4KE62A
P4KE62CA
53.0
58.90
65.10
1
85.0
4.71
5
P4KE68
P4KE68C
55.1
61.20
74.80
1
98.0
4.08
5
P4KE68A
P4KE68CA
58.1
64.60
71.40
1
92.0
4.35
5
P4KE75
P4KE75C
60.7
67.50
82.50
1
108.0
3.70
5
P4KE75A
P4KE75CA
64.1
71.25
78.75
1
103.0
3.88
5
P4KE82
P4KE82C
66.4
73.80
90.20
1
118.0
3.39
5
P4KE82A
P4KE82CA
70.1
77.90
86.10
1
113.0
3.54
5
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com