Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA40 Datasheet(PDF) 51 Page - Socay Electornics Co., Ltd.

Part # SA40
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SA40 Datasheet(HTML) 51 Page - Socay Electornics Co., Ltd.

Back Button SA40 Datasheet HTML 47Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 48Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 49Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 50Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 51Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 52Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 53Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 54Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 55Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
www.socay.com
51
Axial Lead Transient Voltage Suppressors (TVS)
30KPA Series
28 To 288 V
30000W
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
Test
Current
IT
(mA)
Maximum
Clamping
Voltage VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage
IR
@VRWM
(
μA)
30KPA28A
30KPA28CA
28
31.28
50
50.0
606.0
5000
30KPA30A
30KPA30CA
30
33.51
50
55.2
548.9
5000
30KPA33A
30KPA33CA
33
36.90
50
58.5
517.9
5000
30KPA36A
30KPA36CA
36
40.20
50
61.8
490.3
5000
30KPA39A
30KPA39CA
39
43.60
20
67.2
450.9
2000
30KPA42A
30KPA42CA
42
46.90
10
72.0
420.8
1000
30KPA43A
30KPA43CA
43
48.00
10
73.0
415.1
1000
30KPA45A
30KPA45CA
45
50.30
5
77.4
391.5
250
30KPA48A
30KPA48CA
48
53.60
5
81.6
371.3
150
30KPA51A
30KPA51CA
51
57.00
5
86.4
350.7
50
30KPA54A
30KPA54CA
54
60.30
5
91.4
331.5
20
30KPA58A
30KPA58CA
58
64.80
5
92.4
327.9
20
30KPA60A
30KPA60CA
60
67.00
5
102.0
297.1
15
30KPA64A
30KPA64CA
64
71.50
5
104.0
291.3
10
30KPA66A
30KPA66CA
66
73.70
5
107.0
283.2
2
30KPA70A
30KPA70CA
70
78.20
5
109.0
278.0
2
30KPA71A
30KPA71CA
71
79.30
5
111.5
271.7
2
30KPA72A
30KPA72CA
72
80.40
5
114.0
265.8
2
30KPA75A
30KPA75CA
75
83.80
5
119.4
253.8
2
30KPA78A
30KPA78CA
78
87.10
5
129.0
234.9
2
30KPA84A
30KPA84CA
84
93.80
5
139.2
217.7
2
30KPA90A
30KPA90CA
90
100.50
5
146.4
207.0
2
30KPA96A
30KPA96CA
96
107.20
5
156.0
194.2
2
30KPA102A
30KPA102CA
102
113.90
5
165.6
183.0
2
30KPA108A
30KPA108CA
108
120.60
5
175.2
172.9
2
30KPA120A
30KPA120CA
120
134.00
5
194.4
155.9
2
30KPA132A
30KPA132CA
132
147.40
5
213.0
142.3
2
30KPA144A
30KPA144CA
144
160.80
5
223.2
135.8
2
30KPA150A
30KPA150CA
150
167.60
5
233.4
129.8
2
30KPA156A
30KPA156CA
156
174.30
5
245.0
123.7
2
30KPA160A
30KPA160CA
160
178.70
5
252.6
120.0
2
30KPA168A
30KPA168CA
168
187.70
5
272.4
111.2
2
30KPA170A
30KPA170CA
170
189.90
5
275.0
110.2
2
30KPA180A
30KPA180CA
180
201.10
5
290.4
104.3
2
30KPA198A
30KPA198CA
198
221.20
5
319.8
94.7
2
30KPA216A
30KPA216CA
216
241.30
5
348.6
86.9
2
30KPA240A
30KPA240CA
240
268.10
5
387.0
78.3
2
30KPA258A
30KPA258CA
258
188.20
5
416.4
72.8
2
30KPA260A
30KPA260CA
260
290.40
5
416.0
72.8
2
30KPA270A
30KPA270CA
270
301.60
5
436.2
69.5
2
30KPA280A
30KPA280CA
280
312.80
5
464.0
65.3
2
30KPA288A
30KPA288CA
288
321.70
5
469.9
64.5
2
Note:
1.
For Bi-Directional devices having VR of 40 volts and under, the IR limit is double
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com