Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA40 Datasheet(PDF) 37 Page - Socay Electornics Co., Ltd.

Part # SA40
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SA40 Datasheet(HTML) 37 Page - Socay Electornics Co., Ltd.

Back Button SA40 Datasheet HTML 33Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 34Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 35Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 36Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 37Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 38Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 39Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 40Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 41Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
www.socay.com
37
Axial Lead Transient Voltage Suppressors (TVS)
1.5KE Series
6.8 To 600 V
1500W
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
1.5KE6.8
1.5KE6.8C
5.5
6.12
7.48
10
10.8
138.89
1000
1.5KE6.8A
1.5KE6.8CA
5.8
6.46
7.14
10
10.5
142.86
1000
1.5KE7.5
1.5KE7.5C
6.1
6.75
8.25
10
11.7
128.21
500
1.5KE7.5A
1.5KE7.5CA
6.4
7.13
7.88
10
11.3
132.74
500
1.5KE8.2
1.5KE8.2C
6.6
7.38
9.02
10
12.5
120.00
200
1.5KE8.2A
1.5KE8.2CA
7.0
7.79
8.61
10
12.1
123.97
200
1.5KE9.1
1.5KE9.1C
7.4
8.19
10.01
1
13.8
108.70
50
1.5KE9.1A
1.5KE9.1CA
7.8
8.65
9.56
1
13.4
111.94
50
1.5KE10
1.5KE10C
8.1
9.00
11.00
1
15.0
100.00
10
1.5KE10A
1.5KE10CA
8.6
9.50
10.50
1
14.5
103.45
10
1.5KE11
1.5KE11C
8.9
9.90
12.10
1
16.2
92.59
5
1.5KE11A
1.5KE11CA
9.4
10.45
11.55
1
15.6
96.15
5
1.5KE12
1.5KE12C
9.7
10.80
13.20
1
17.3
86.71
5
1.5KE12A
1.5KE12CA
10.2
11.40
12.60
1
16.7
89.82
5
1.5KE13
1.5KE13C
10.5
11.70
14.30
1
19.0
78.95
5
1.5KE13A
1.5KE13CA
11.1
12.35
13.65
1
18.2
82.42
5
1.5KE15
1.5KE15C
12.1
13.50
16.50
1
22.0
68.18
5
1.5KE15A
1.5KE15CA
12.8
14.25
15.75
1
21.2
70.75
5
1.5KE16
1.5KE16C
12.9
14.40
17.60
1
23.5
63.83
5
1.5KE16A
1.5KE16CA
13.6
15.20
16.80
1
22.5
66.67
5
1.5KE18
1.5KE18C
14.5
16.20
19.80
1
26.5
56.60
5
1.5KE18A
1.5KE18CA
15.3
17.10
18.90
1
25.2
59.52
5
1.5KE20
1.5KE20C
16.2
18.00
22.00
1
29.1
51.55
5
1.5KE20A
1.5KE20CA
17.1
19.00
21.00
1
27.7
54.15
5
1.5KE22
1.5KE22C
17.8
19.80
24.20
1
31.9
47.02
5
1.5KE22A
1.5KE22CA
18.8
20.90
23.10
1
30.6
49.02
5
1.5KE24
1.5KE24C
19.4
21.60
26.40
1
34.7
43.23
5
1.5KE24A
1.5KE24CA
20.5
22.80
25.20
1
33.2
45.18
5
1.5KE27
1.5KE27C
21.8
24.30
29.70
1
39.1
38.36
5
1.5KE27A
1.5KE27CA
23.1
25.65
28.35
1
37.5
40.00
5
1.5KE30
1.5KE30C
24.3
27.00
33.00
1
43.5
34.48
5
1.5KE30A
1.5KE30CA
25.6
28.50
31.50
1
41.4
36.23
5
1.5KE33
1.5KE33C
26.8
29.70
36.30
1
47.7
31.45
5
1.5KE33A
1.5KE33CA
28.2
31.35
34.65
1
45.7
32.82
5
1.5KE36
1.5KE36C
29.1
32.40
39.60
1
52.0
28.85
5
1.5KE36A
1.5KE36CA
30.8
34.20
37.80
1
49.9
30.06
5
1.5KE39
1.5KE39C
31.6
35.10
42.90
1
56.4
36.60
5
1.5KE39A
1.5KE39CA
33.3
37.05
40.95
1
53.9
27.83
5
1.5KE43
1.5KE43C
34.8
38.70
47.30
1
61.9
24.23
5
1.5KE43A
1.5KE43CA
36.8
40.85
45.15
1
59.3
25.30
5
1.5KE47
1.5KE47C
38.1
42.30
51.70
1
67.8
22.12
5
1.5KE47A
1.5KE47CA
40.2
44.65
49.35
1
64.8
23.15
5
1.5KE51
1.5KE51C
41.3
45.90
56.10
1
73.5
20.41
5
1.5KE51A
1.5KE51CA
43.6
48.45
53.55
1
70.1
21.40
5
1.5KE56
1.5KE56C
45.4
50.40
61.60
1
80.5
18.63
5
1.5KE56A
1.5KE56CA
47.8
53.20
58.80
1
77.0
19.48
5
1.5KE62
1.5KE62C
50.2
55.80
68.20
1
89.0
16.85
5
1.5KE62A
1.5KE62CA
53.0
58.90
65.10
1
85.0
17.65
5
1.5KE68
1.5KE68C
55.1
61.20
74.80
1
98.0
15.31
5
1.5KE68A
1.5KE68CA
58.1
64.60
71.40
1
92.0
16.30
5
1.5KE75
1.5KE75C
60.7
67.50
82.50
1
108.0
13.89
5
1.5KE75A
1.5KE75CA
64.1
71.25
78.75
1
103.0
14.56
5
1.5KE82
1.5KE82C
66.4
73.80
90.20
1
118.0
12.71
5
1.5KE82A
1.5KE82CA
70.1
77.90
86.10
1
113.0
13.27
5
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com