Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA40 Datasheet(PDF) 43 Page - Socay Electornics Co., Ltd.

Part # SA40
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SA40 Datasheet(HTML) 43 Page - Socay Electornics Co., Ltd.

Back Button SA40 Datasheet HTML 39Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 40Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 41Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 42Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 43Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 44Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 45Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 46Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 47Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
www.socay.com
43
Axial Lead Transient Voltage Suppressors (TVS)
5KP Series
5.0 To 190 V
5000W
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
5KP5.0
5KP5.0C
5.0
6.40
7.30
10
9.6
520.83
800
5KP5.0A
5KP5.0CA
5.0
6.40
7.00
10
9.2
543.48
800
5KP6.0
5KP6.0C
6.0
6.67
8.15
10
11.4
438.60
800
5KP6.0A
5KP6.0CA
6.0
6.67
7.37
10
10.3
485.44
800
5KP6.5
5KP6.5C
6.5
7.22
8.82
10
12.3
406.50
500
5KP6.5A
5KP6.5CA
6.5
7.22
7.98
10
11.2
446.43
500
5KP7.0
5KP7.0C
7.0
7.78
9.51
10
13.3
375.94
200
5KP7.0A
5KP7.0CA
7.0
7.78
8.60
10
12.0
416.67
200
5KP7.5
5KP7.5C
7.5
8.33
10.20
1
14.3
349.65
100
5KP7.5A
5KP7.5CA
7.5
8.33
9.21
1
12.9
387.60
100
5KP8.0
5KP8.0C
8.0
8.89
10.90
1
15.0
333.33
50
5KP8.0A
5KP8.0CA
8.0
8.89
9.83
1
13.6
367.65
50
5KP8.5
5KP8.5C
8.5
9.44
11.50
1
15.9
314.47
20
5KP8.5A
5KP8.5CA
8.5
9.44
10.40
1
14.4
347.22
20
5KP9.0
5KP9.0C
9.0
10.00
12.20
1
16.9
295.86
10
5KP9.0A
5KP9.0CA
9.0
10.00
11.10
1
15.4
324.68
10
5KP10
5KP10C
10.0
11.10
13.60
1
18.8
265.96
5
5KP10A
5KP10CA
10.0
11.10
12.30
1
17.0
294.12
5
5KP11
5KP11C
11.0
12.20
14.90
1
20.1
248.76
5
5KP11A
5KP11CA
11.0
12.20
13.50
1
18.2
274.73
5
5KP12
5KP12C
12.0
13.30
16.30
1
22.0
227.27
5
5KP12A
5KP12CA
12.0
13.30
14.70
1
19.9
251.26
5
5KP13
5KP13C
13.0
14.40
17.60
1
23.8
210.08
5
5KP13A
5KP13CA
13.0
14.40
15.90
1
21.5
232.56
5
5KP14
5KP14C
14.0
15.60
19.10
1
25.8
193.80
5
5KP14A
5KP14CA
14.0
15.60
17.20
1
23.2
215.52
5
5KP15
5KP15C
15.0
16.70
20.40
1
26.9
185.87
5
5KP15A
5KP15CA
15.0
16.70
18.50
1
24.4
204.92
5
5KP16
5KP16C
16.0
17.80
21.80
1
28.8
173.61
5
5KP16A
5KP16CA
16.0
17.80
19.70
1
26.0
192.31
5
5KP17
5KP17C
17.0
18.90
23.10
1
30.5
163.93
5
5KP17A
5KP17CA
17.0
18.90
20.90
1
27.6
181.16
5
5KP18
5KP18C
18.0
20.00
24.40
1
32.2
155.28
5
5KP18A
5KP18CA
18.0
20.00
22.10
1
29.2
171.23
5
5KP19
5KP19C
19.0
21.13
25.76
1
34.0
147.02
5
5KP19A
5KP19CA
19.0
21.10
23.30
1
30.8
162.44
5
5KP20
5KP20C
20.0
22.20
27.10
1
35.8
139.66
5
5KP20A
5KP20CA
20.0
22.20
24.50
1
32.4
154.32
5
5KP22
5KP22C
22.0
24.40
29.80
1
39.4
126.90
5
5KP22A
5KP22CA
22.0
24.40
26.90
1
35.5
140.85
5
5KP24
5KP24C
24.0
26.70
32.60
1
43.0
116.28
5
5KP24A
5KP24CA
24.0
26.70
29.50
1
38.9
128.53
5
5KP26
5KP26C
26.0
28.90
35.30
1
46.6
107.30
5
5KP26A
5KP26CA
26.0
28.90
31.90
1
42.1
118.76
5
5KP28
5KP28C
28.0
31.10
38.00
1
50.0
100.00
5
5KP28A
5KP28CA
28.0
31.10
34.40
1
45.4
110.13
5
5KP30
5KP30C
30.0
33.30
40.70
1
53.5
93.46
5
5KP30A
5KP30CA
30.0
33.30
36.80
1
48.4
103.31
5
5KP33
5KP33C
33.0
36.70
44.90
1
59.0
84.75
5
5KP33A
5KP33CA
33.0
36.70
40.60
1
53.3
93.81
5
5KP36
5KP36C
36.0
40.00
48.90
1
64.3
77.76
5
5KP36A
5KP36CA
36.0
40.00
44.20
1
58.1
86.06
5
5KP40
5KP40C
40.0
44.40
54.30
1
71.4
70.03
5
5KP40A
5KP40CA
40.0
44.40
49.10
1
64.5
77.52
5
5KP43
5KP43C
43.0
47.80
58.40
1
76.7
65.19
5
5KP43A
5KP43CA
43.0
47.80
52.80
1
69.4
72.05
5
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com