Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA40 Datasheet(PDF) 40 Page - Socay Electornics Co., Ltd.

Part # SA40
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SA40 Datasheet(HTML) 40 Page - Socay Electornics Co., Ltd.

Back Button SA40 Datasheet HTML 36Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 37Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 38Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 39Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 40Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 41Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 42Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 43Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 44Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
www.socay.com
40
Axial Lead Transient Voltage Suppressors (TVS)
3KP Series
5.0 To 190 V
3000W
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
3KP5.0
3KP5.0C
5.0
6.40
7.30
50
9.6
312.50
1000
3KP5.0A
3KP5.0CA
5.0
6.40
7.00
50
9.2
326.09
1000
3KP6.0
3KP6.0C
6.0
6.67
8.15
50
11.4
263.16
1000
3KP6.0A
3KP6.0CA
6.0
6.67
7.37
50
10.3
291.26
1000
3KP6.5
3KP6.5C
6.5
7.22
8.82
50
12.3
243.90
500
3KP6.5A
3KP6.5CA
6.5
7.22
7.98
50
11.2
267.86
500
3KP7.0
3KP7.0C
7.0
7.78
9.51
50
13.3
225.56
200
3KP7.0A
3KP7.0CA
7.0
7.78
8.60
50
12.0
250.00
200
3KP7.5
3KP7.5C
7.5
8.33
10.20
5
14.3
209.79
100
3KP7.5A
3KP7.5CA
7.5
8.33
9.21
5
12.9
232.56
100
3KP8.0
3KP8.0C
8.0
8.89
10.90
5
15.0
200.00
50
3KP8.0A
3KP8.0CA
8.0
8.89
9.83
5
13.6
220.59
50
3KP8.5
3KP8.5C
8.5
9.44
11.50
5
15.9
188.68
25
3KP8.5A
3KP8.5CA
8.5
9.44
10.40
5
14.4
208.33
25
3KP9.0
3KP9.0C
9.0
10.00
12.20
5
16.9
177.51
10
3KP9.0A
3KP9.0CA
9.0
10.00
11.10
5
15.4
194.81
10
3KP10
3KP10C
10.0
11.10
13.60
5
18.8
159.57
5
3KP10A
3KP10CA
10.0
11.10
12.30
5
17.0
176.47
5
3KP11
3KP11C
11.0
12.20
14.90
5
20.1
149.25
5
3KP11A
3KP11CA
11.0
12.20
13.50
5
18.2
164.84
5
3KP12
3KP12C
12.0
13.30
16.30
5
22.0
136.36
5
3KP12A
3KP12CA
12.0
13.30
14.70
5
19.9
150.75
5
3KP13
3KP13C
13.0
14.40
17.60
5
23.8
126.05
5
3KP13A
3KP13CA
13.0
14.40
15.90
5
21.5
139.53
5
3KP14
3KP14C
14.0
15.60
19.10
5
25.8
116.28
5
3KP14A
3KP14CA
14.0
15.60
17.20
5
23.2
129.31
5
3KP15
3KP15C
15.0
16.70
20.40
5
26.9
111.52
5
3KP15A
3KP15CA
15.0
16.70
18.50
5
24.4
122.95
5
3KP16
3KP16C
16.0
17.80
21.80
5
28.8
104.17
5
3KP16A
3KP16CA
16.0
17.80
19.70
5
26.0
115.38
5
3KP17
3KP17C
17.0
18.90
23.10
5
30.5
98.36
5
3KP17A
3KP17CA
17.0
18.90
20.90
5
27.6
108.70
5
3KP18
3KP18C
18.0
20.00
24.40
5
32.2
93.17
5
3KP18A
3KP18CA
18.0
20.00
22.10
5
29.2
102.74
5
3KP19
3KP19C
19.0
21.13
25.76
5
34.0
88.21
5
3KP19A
3KP19CA
19.0
21.10
23.30
5
30.8
97.47
5
3KP20
3KP20C
20.0
22.20
27.10
5
35.8
83.80
5
3KP20A
3KP20CA
20.0
22.20
24.50
5
32.4
92.59
5
3KP22
3KP22C
22.0
24.40
29.80
5
39.4
76.14
5
3KP22A
3KP22CA
22.0
24.40
26.90
5
35.5
84.51
5
3KP24
3KP24C
24.0
26.70
32.60
5
43.0
69.77
5
3KP24A
3KP24CA
24.0
26.70
29.50
5
38.9
77.12
5
3KP26
3KP26C
26.0
28.90
35.30
5
46.6
64.38
5
3KP26A
3KP26CA
26.0
28.90
31.90
5
42.1
71.26
5
3KP28
3KP28C
28.0
31.10
38.00
5
50.0
60.00
5
3KP28A
3KP28CA
28.0
31.10
34.40
5
45.4
66.08
5
3KP30
3KP30C
30.0
33.30
40.70
5
53.5
56.07
5
3KP30A
3KP30CA
30.0
33.30
36.80
5
48.4
61.98
5
3KP33
3KP33C
33.0
36.70
44.90
5
59.0
50.85
5
3KP33A
3KP33CA
33.0
36.70
40.60
5
53.3
56.29
5
3KP36
3KP36C
36.0
40.00
48.90
5
64.3
46.66
5
3KP36A
3KP36CA
36.0
40.00
44.20
5
58.1
51.64
5
3KP40
3KP40C
40.0
44.40
54.30
5
71.4
42.02
5
3KP40A
3KP40CA
40.0
44.40
49.10
5
64.5
46.51
5
3KP43
3KP43C
43.0
47.80
58.40
5
76.7
39.11
5
3KP43A
3KP43CA
43.0
47.80
52.80
5
69.4
43.23
5
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com