Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA40 Datasheet(PDF) 47 Page - Socay Electornics Co., Ltd.

Part # SA40
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SA40 Datasheet(HTML) 47 Page - Socay Electornics Co., Ltd.

Back Button SA40 Datasheet HTML 43Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 44Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 45Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 46Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 47Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 48Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 49Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 50Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 51Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
www.socay.com
47
Axial Lead Transient Voltage Suppressors (TVS)
15KPA Series
17 To 280 V
15000W
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
15KPA17A
15KPA17CA
17
18.99
20.79
50
29.3
515.4
5000
15KPA18A
15KPA18CA
18
20.11
22.01
50
30.9
488.7
5000
15KPA20A
15KPA20CA
20
22.34
24.46
20
34.3
440.2
1500
15KPA22A
15KPA22CA
22
24.57
26.91
10
37.1
407.0
500
15KPA24A
15KPA24CA
24
26.81
29.35
5
40.7
371.0
150
15KPA26A
15KPA26CA
26
29.04
31.80
5
44.0
343.2
50
15KPA28A
15KPA28CA
28
31.28
34.24
5
47.5
317.9
25
15KPA30A
15KPA30CA
30
33.51
36.70
5
50.7
297.8
15
15KPA33A
15KPA33CA
33
36.90
40.40
5
54.7
276.1
2
15KPA36A
15KPA36CA
36
40.20
44.00
5
59.8
252.5
2
15KPA40A
15KPA40CA
40
44.70
48.90
5
65.8
229.5
2
15KPA43A
15KPA43CA
43
48.00
52.60
5
69.8
216.3
2
15KPA45A
15KPA45CA
45
50.30
55.00
5
72.8
207.4
2
15KPA48A
15KPA48CA
48
53.60
58.70
5
77.7
194.3
2
15KPA51A
15KPA51CA
51
57.00
62.40
5
82.9
182.1
2
15KPA54A
15KPA54CA
54
60.30
66.00
5
87.7
172.2
2
15KPA58A
15KPA58CA
58
64.80
70.90
5
93.8
161.0
2
15KPA60A
15KPA60CA
60
67.00
73.40
5
97.4
155.0
2
15KPA64A
15KPA64CA
64
71.50
78.30
5
104.2
144.9
2
15KPA70A
15KPA70CA
70
78.20
85.60
5
113.6
132.9
2
15KPA75A
15KPA75CA
75
83.80
91.70
5
122.0
123.8
2
15KPA78A
15KPA78CA
78
87.10
95.40
5
126.1
119.7
2
15KPA85A
15KPA85CA
85
94.90
104.00
5
137.6
109.7
2
15KPA90A
15KPA90CA
90
100.50
110.10
5
145.6
103.7
2
15KPA100A
15KPA100CA
100
111.70
122.30
5
161.3
93.6
2
15KPA110A
15KPA110CA
110
122.90
134.50
5
178.6
84.5
2
15KPA120A
15KPA120CA
120
134.00
146.80
5
192.3
78.5
2
15KPA130A
15KPA130CA
130
145.20
159.00
5
208.3
72.5
2
15KPA150A
15KPA150CA
150
167.60
183.50
5
241.9
62.4
2
15KPA160A
15KPA160CA
160
178.70
195.70
5
258.6
58.4
2
15KPA170A
15KPA170CA
170
189.90
207.90
5
272.7
55.4
2
15KPA180A
15KPA180CA
180
201.10
220.10
5
288.5
52.3
2
15KPA200A
15KPA200CA
200
223.40
244.60
5
319.1
47.3
2
15KPA220A
15KPA220CA
220
245.70
269.10
5
428.6
42.2
2
15KPA240A
15KPA240CA
240
268.10
293.50
5
384.6
39.3
2
15KPA260A
15KPA260CA
260
290.40
318.00
5
416.7
36.2
2
15KPA280A
15KPA280CA
280
312.80
342.40
5
454.5
33.2
2
Note:
1.
For Bi-Directional devices having VR of 30 volts and under, the IR limit is double
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com