Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K30 Datasheet(PDF) 53 Page - Altera Corporation

Part # EPF10K30
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K30 Datasheet(HTML) 53 Page - Altera Corporation

Back Button EPF10K30 Datasheet HTML 49Page - Altera Corporation EPF10K30 Datasheet HTML 50Page - Altera Corporation EPF10K30 Datasheet HTML 51Page - Altera Corporation EPF10K30 Datasheet HTML 52Page - Altera Corporation EPF10K30 Datasheet HTML 53Page - Altera Corporation EPF10K30 Datasheet HTML 54Page - Altera Corporation EPF10K30 Datasheet HTML 55Page - Altera Corporation EPF10K30 Datasheet HTML 56Page - Altera Corporation EPF10K30 Datasheet HTML 57Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 128 page
background image
Altera Corporation
53
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
See the Operating Requirements for Altera Devices Data Sheet.
(2)
Minimum DC voltage input is –0.5 V. During transitions, the inputs may undershoot to –2.0 V or overshoot to 5.75 V
for input currents less than 100 mA and periods shorter than 20 ns.
(3)
Numbers in parentheses are for industrial-temperature-range devices.
(4)
Maximum VCC rise time is 100 ms, and VCC must rise monotonically.
(5)
FLEX 10KA device inputs may be driven before VCCINT and VCCIO are powered.
(6)
Typical values are for T A = 25° C and VCC = 3.3 V.
(7)
These values are specified under the Recommended Operating Conditions shown in Table 27 on page 51.
(8)
The IOH parameter refers to high-level TTL, PCI, or CMOS output current.
(9)
The IOL parameter refers to low-level TTL, PCI, or CMOS output current. This parameter applies to open-drain pins
as well as output pins.
(10) This value is specified for normal device operation. The value may vary during power-up.
(11) This parameter applies to all -1 speed grade commercial temperature devices and all -2 speed grade
industrial-temperature devices.
(12) Capacitance is sample-tested only.
Table 29. 3.3-V Device Capacitance of EPF10K10A & EPF10K30A Devices
Note (12)
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input capacitance
VIN = 0 V, f = 1.0 MHz
8
pF
CINCLK Input capacitance on dedicated
clock pin
VIN = 0 V, f = 1.0 MHz
12
pF
COUT
Output capacitance
VOUT = 0 V, f = 1.0 MHz
8
pF
Table 30. 3.3-V Device Capacitance of EPF10K100A Devices
Note (12)
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input capacitance
VIN = 0 V, f = 1.0 MHz
10
pF
CINCLK Input capacitance on dedicated
clock pin
VIN = 0 V, f = 1.0 MHz
15
pF
COUT
Output capacitance
VOUT = 0 V, f = 1.0 MHz
10
pF
Table 31. 3.3-V Device Capacitance of EPF10K250A Devices
Note (12)
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input capacitance
VIN = 0 V, f = 1.0 MHz
10
pF
CINCLK Input capacitance on dedicated
clock pin
VIN = 0 V, f = 1.0 MHz
15
pF
COUT
Output capacitance
VOUT = 0 V, f = 1.0 MHz
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com