Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K30 Datasheet(PDF) 15 Page - Altera Corporation

Part # EPF10K30
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K30 Datasheet(HTML) 15 Page - Altera Corporation

Back Button EPF10K30 Datasheet HTML 11Page - Altera Corporation EPF10K30 Datasheet HTML 12Page - Altera Corporation EPF10K30 Datasheet HTML 13Page - Altera Corporation EPF10K30 Datasheet HTML 14Page - Altera Corporation EPF10K30 Datasheet HTML 15Page - Altera Corporation EPF10K30 Datasheet HTML 16Page - Altera Corporation EPF10K30 Datasheet HTML 17Page - Altera Corporation EPF10K30 Datasheet HTML 18Page - Altera Corporation EPF10K30 Datasheet HTML 19Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 128 page
background image
Altera Corporation
15
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
The programmable flipflop in the LE can be configured for D, T, JK, or SR
operation. The clock, clear, and preset control signals on the flipflop can
be driven by global signals, general-purpose I/O pins, or any internal
logic. For combinatorial functions, the flipflop is bypassed and the output
of the LUT drives the output of the LE.
The LE has two outputs that drive the interconnect; one drives the local
interconnect and the other drives either the row or column FastTrack
Interconnect. The two outputs can be controlled independently. For
example, the LUT can drive one output while the register drives the other
output. This feature, called register packing, can improve LE utilization
because the register and the LUT can be used for unrelated functions.
The FLEX 10K architecture provides two types of dedicated high-speed
data paths that connect adjacent LEs without using local interconnect
paths: carry chains and cascade chains. The carry chain supports high-
speed counters and adders; the cascade chain implements wide-input
functions with minimum delay. Carry and cascade chains connect all LEs
in an LAB and all LABs in the same row. Intensive use of carry and
cascade chains can reduce routing flexibility. Therefore, the use of these
chains should be limited to speed-critical portions of a design.
Carry Chain
The carry chain provides a very fast (as low as 0.2 ns) carry-forward
function between LEs. The carry-in signal from a lower-order bit drives
forward into the higher-order bit via the carry chain, and feeds into both
the LUT and the next portion of the carry chain. This feature allows the
FLEX 10K architecture to implement high-speed counters, adders, and
comparators of arbitrary width efficiently. Carry chain logic can be
created automatically by the Compiler during design processing, or
manually by the designer during design entry. Parameterized functions
such as LPM and DesignWare functions automatically take advantage of
carry chains.
Carry chains longer than eight LEs are automatically implemented by
linking LABs together. For enhanced fitting, a long carry chain skips
alternate LABs in a row. A carry chain longer than one LAB skips either
from even-numbered LAB to even-numbered LAB, or from odd-
numbered LAB to odd-numbered LAB. For example, the last LE of the
first LAB in a row carries to the first LE of the third LAB in the row. The
carry chain does not cross the EAB at the middle of the row. For instance,
in the EPF10K50 device, the carry chain stops at the eighteenth LAB and a
new one begins at the nineteenth LAB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com