Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K30 Datasheet(PDF) 59 Page - Altera Corporation

Part # EPF10K30
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K30 Datasheet(HTML) 59 Page - Altera Corporation

Back Button EPF10K30 Datasheet HTML 55Page - Altera Corporation EPF10K30 Datasheet HTML 56Page - Altera Corporation EPF10K30 Datasheet HTML 57Page - Altera Corporation EPF10K30 Datasheet HTML 58Page - Altera Corporation EPF10K30 Datasheet HTML 59Page - Altera Corporation EPF10K30 Datasheet HTML 60Page - Altera Corporation EPF10K30 Datasheet HTML 61Page - Altera Corporation EPF10K30 Datasheet HTML 62Page - Altera Corporation EPF10K30 Datasheet HTML 63Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 128 page
background image
Altera Corporation
59
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Figure 28. Synchronous Bidirectional Pin External Timing Model
Tables 32 through 36 describe the FLEX 10K device internal timing
parameters. These internal timing parameters are expressed as worst-case
values. Using hand calculations, these parameters can be used to estimate
design performance. However, before committing designs to silicon,
actual worst-case performance should be modeled using timing
simulation and analysis. Tables 37 through 38 describe FLEX 10K external
timing parameters.
PRN
CLRN
DQ
PRN
CLRN
DQ
PRN
CLRN
DQ
Dedicated
Clock
Bidirectional
Pin
Output Register
tINSUBIDIR
tOUTCOBIDIR
tXZBIDIR
tZXBIDIR
tINHBIDIR
OE Register
Input Register
Table 32. LE Timing Microparameters (Part 1 of 2)
Note (1)
Symbol
Parameter
Conditions
tLUT
LUT delay for data-in
tCLUT
LUT delay for carry-in
tRLUT
LUT delay for LE register feedback
tPACKED
Data-in to packed register delay
tEN
LE register enable delay
tCICO
Carry-in to carry-out delay
tCGEN
Data-in to carry-out delay
tCGENR
LE register feedback to carry-out delay
tCASC
Cascade-in to cascade-out delay
tC
LE register control signal delay
tCO
LE register clock-to-output delay
tCOMB
Combinatorial delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com