Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K30 Datasheet(PDF) 2 Page - Altera Corporation

Part # EPF10K30
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K30 Datasheet(HTML) 2 Page - Altera Corporation

  EPF10K30 Datasheet HTML 1Page - Altera Corporation EPF10K30 Datasheet HTML 2Page - Altera Corporation EPF10K30 Datasheet HTML 3Page - Altera Corporation EPF10K30 Datasheet HTML 4Page - Altera Corporation EPF10K30 Datasheet HTML 5Page - Altera Corporation EPF10K30 Datasheet HTML 6Page - Altera Corporation EPF10K30 Datasheet HTML 7Page - Altera Corporation EPF10K30 Datasheet HTML 8Page - Altera Corporation EPF10K30 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 128 page
background image
2
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Note to tables:
(1)
The embedded IEEE Std. 1149.1 JTAG circuitry adds up to 31,250 gates in addition to the listed typical or maximum
system gates.
...and More
Features
–
Devices are fabricated on advanced processes and operate with
a 3.3-V or 5.0-V supply voltage (see Table 3
–
In-circuit reconfigurability (ICR) via external configuration
device, intelligent controller, or JTAG port
–
ClockLockTM and ClockBoostTM options for reduced clock
delay/skew and clock multiplication
–
Built-in low-skew clock distribution trees
–100% functional testing of all devices; test vectors or scan chains
are not required
Table 2. FLEX 10K Device Features
Feature
EPF10K70
EPF10K100
EPF10K100A
EPF10K130V
EPF10K250A
Typical gates (logic and
RAM) (1)
70,000
100,000
130,000
250,000
Maximum system gates
118,000
158,000
211,000
310,000
LEs
3,744
4,992
6,656
12,160
LABs
468
624
832
1,520
EABs
9
12
16
20
Total RAM bits
18,432
24,576
32,768
40,960
Maximum user I/O pins
358
406
470
470
Table 3. Supply Voltages for FLEX 10K & FLEX 10KA Devices
5.0-V Devices
3.3-V Devices
EPF10K10
EPF10K20
EPF10K30
EPF10K40
EPF10K50
EPF10K70
EPF10K100
EPF10K10A
EPF10K30A
EPF10K50V
EPF10K100A
EPF10K130V
EPF10K250A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com