Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K30 Datasheet(PDF) 3 Page - Altera Corporation

Part # EPF10K30
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K30 Datasheet(HTML) 3 Page - Altera Corporation

  EPF10K30 Datasheet HTML 1Page - Altera Corporation EPF10K30 Datasheet HTML 2Page - Altera Corporation EPF10K30 Datasheet HTML 3Page - Altera Corporation EPF10K30 Datasheet HTML 4Page - Altera Corporation EPF10K30 Datasheet HTML 5Page - Altera Corporation EPF10K30 Datasheet HTML 6Page - Altera Corporation EPF10K30 Datasheet HTML 7Page - Altera Corporation EPF10K30 Datasheet HTML 8Page - Altera Corporation EPF10K30 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 128 page
background image
Altera Corporation
3
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
■
Flexible interconnect
–FastTrack® Interconnect continuous routing structure for fast,
predictable interconnect delays
–
Dedicated carry chain that implements arithmetic functions such
as fast adders, counters, and comparators (automatically used by
software tools and megafunctions)
–
Dedicated cascade chain that implements high-speed,
high-fan-in logic functions (automatically used by software tools
and megafunctions)
–
Tri-state emulation that implements internal tri-state buses
–
Up to six global clock signals and four global clear signals
■
Powerful I/O pins
–
Individual tri-state output enable control for each pin
–
Open-drain option on each I/O pin
–
Programmable output slew-rate control to reduce switching
noise
–
FLEX 10KA devices support hot-socketing
■
Peripheral register for fast setup and clock-to-output delay
■
Flexible package options
–
Available in a variety of packages with 84 to 600 pins (see
Tables 4 and 5)
–
Pin-compatibility with other FLEX 10K devices in the same
package
–
FineLine BGATM packages maximize board space efficiency
■
Software design support and automatic place-and-route provided by
Altera development systems for Windows-based PCs and Sun
SPARCstation, HP 9000 Series 700/800 workstations
■
Additional design entry and simulation support provided by EDIF
2 0 0 and 3 0 0 netlist files, library of parameterized modules (LPM),
DesignWare components, Verilog HDL, VHDL, and other interfaces
to popular EDA tools from manufacturers such as Cadence,
Exemplar Logic, Mentor Graphics, OrCAD, Synopsys, Synplicity,
VeriBest, and Viewlogic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com