Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K30 Datasheet(PDF) 80 Page - Altera Corporation

Part # EPF10K30
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K30 Datasheet(HTML) 80 Page - Altera Corporation

Back Button EPF10K30 Datasheet HTML 76Page - Altera Corporation EPF10K30 Datasheet HTML 77Page - Altera Corporation EPF10K30 Datasheet HTML 78Page - Altera Corporation EPF10K30 Datasheet HTML 79Page - Altera Corporation EPF10K30 Datasheet HTML 80Page - Altera Corporation EPF10K30 Datasheet HTML 81Page - Altera Corporation EPF10K30 Datasheet HTML 82Page - Altera Corporation EPF10K30 Datasheet HTML 83Page - Altera Corporation EPF10K30 Datasheet HTML 84Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 128 page
background image
80
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Table 59. EPF10K70 Device EAB Internal Microparameters
Note (1)
Symbol
-2 Speed Grade
-3 Speed Grade
-4 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tEABDATA1
1.3
1.5
1.9
ns
tEABDATA2
4.3
4.8
6.0
ns
tEABWE1
0.9
1.0
1.2
ns
tEABWE2
4.5
5.0
6.2
ns
tEABCLK
0.9
1.0
2.2
ns
tEABCO
0.4
0.5
0.6
ns
tEABBYPASS
1.3
1.5
1.9
ns
tEABSU
1.3
1.5
1.8
ns
tEABH
1.8
2.0
2.5
ns
tAA
7.8
8.7
10.7
ns
tWP
5.2
5.8
7.2
ns
tWDSU
1.4
1.6
2.0
ns
tWDH
0.3
0.3
0.4
ns
tWASU
0.4
0.5
0.6
ns
tWAH
0.9
1.0
1.2
ns
tWO
4.5
5.0
6.2
ns
tDD
4.5
5.0
6.2
ns
tEABOUT
0.4
0.5
0.6
ns
tEABCH
4.0
4.0
4.0
ns
tEABCL
5.2
5.8
7.2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com