Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMPC8315CVRAGDA Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # KMPC8315CVRAGDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8315CVRAGDA Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button KMPC8315CVRAGDA Datasheet HTML 21Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 22Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 23Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 24Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 25Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 26Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 27Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 28Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
25
Ethernet: Three-Speed Ethernet, MII Management
9.1
eTSEC (10/100/1000 Mbps)—MII/RMII/RGMII/RTBI Electrical
Characteristics
The electrical characteristics specified here apply to all the media-independent interface (MII), reduced
gigabit MII (RGMII), and reduced ten-bit interface (RTBI) signals except management data input/output
(MDIO) and management data clock (MDC). The MII and RMII is defined for 3.3 V, while the RGMII,
and RTBI can operate at 2.5 V. The RGMII and RTBI follow the Hewlett-Packard reduced pin-count
interface for Gigabit Ethernet Physical Layer Device Specification Version 1.2a (9/22/2000). The
electrical characteristics for MDIO and MDC are specified in Section 9.3, “Ethernet Management
Interface Electrical Characteristics.”
9.1.1
MII, RMII, RGMII, and RTBI DC Electrical Characteristics
All MII, RMII drivers and receivers comply with the DC parametric attributes specified in Table 23 for
3.3-V operation and RGMII, RTBI drivers and receivers comply with the DC parametric attributes
specified in Table 24. The RGMII and RTBI signals are based on a 2.5 V CMOS interface voltage as
defined by JEDEC EIA/JESD8–5.
NOTE
eTSEC should be interfaced with peripheral operating at same voltage level.
Table 23. MII/RMII (When Operating at 3.3 V) DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage 3.3 V
LVDD
——
3.0
3.6
V
Output high voltage
VOH
IOH = –4.0 mA
LVDD = Min
2.40
LVDD + 0.3
V
Output low voltage
VOL
IOL = 4.0 mA
LVDD = Min
VSS
0.50
V
Input high voltage
VIH
——
2.1
LVDD + 0.3
V
Input low voltage
VIL
—
—
–0.3
0.90
V
Input high current
IIH
VIN
1 = LVDD
—
40
A
Input low current
IIL
VIN
1 = VSS
–600
—
A
Note:
1. The symbol VIN, in this case, represents the LVIN symbol referenced in Table 1 and Table 2.
Table 24. RGMII/RTBI (When Operating at 2.5 V) DC Electrical Characteristics
Parameters
Symbol
Conditions
Min
Max
Unit
Supply voltage 2.5 V
LVDD
—
—
2.37
2.63
V
Output high voltage
VOH
IOH = –1.0 mA
LVDD = Min
2.00
LVDD + 0.3
V
Output low voltage
VOL
IOL = 1.0 mA
LVDD = Min
VSS– 0.3
0.40
V
Input high voltage
VIH
—
LVDD = Min
1.7
LVDD + 0.3
V
Input low voltage
VIL
—
LVDD =Min
–0.3
0.70
V
Input high current
IIH
VIN
1 = LVDD
—
15
A
Input low current
IIL
VIN
1 = VSS
–15
—
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com